Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

11DF1 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 11DF1 Datasheet

  • # Example questions: ➢ How does the current derating requirement change when this rectifier is used with a capacitive load?
    ➢ What is the maximum reverse recovery time (trr) for this rectifier, and under what test conditions is this value measured?
    ➢ What is the maximum average forward current this rectifier can handle at a junction temperature of 63°c?

  • Part No.11DF1
    ManufacturerSUNMATE
    Size101 Kbytes
    Pages2 pages
    Description1.0A Axial Leaded Ultra-Fast Rectifier
    Datasheet Summary with AI

    # 1.0A Axial Leaded Ultra-Fast Rectifier (11DF1/11DF2)

    ## Features
    · High current & surge capability
    · High reliability
    · Low reverse current & forward voltage drop
    · Superfast recovery time

    ## Mechanical Data
    · Case: DO-41 molded plastic
    · Epoxy: UL94V-O flame retardant
    · Lead: Solderable per MIL-STD-202
    · Polarity: Color band denotes cathode
    · Mounting: Any position
    · Weight: 0.339 gram
    · Dimensions:
    - A: 25.40 mm
    - B: 4.06 - 5.21 mm
    - C: 0.71 - 0.864 mm
    - D: 2.00 - 2.72 mm


    ## Electrical Characteristics (@ Ta = 25°C)
    · VRRM (Max Recurrent Peak Reverse Voltage): 100V (11DF1) / 200V (11DF2)
    · VRMS (Max RMS Voltage): 70V (11DF1) / 140V (11DF2)
    · VDC (Max DC Blocking Voltage): 100V (11DF1) / 200V (11DF2)
    · IF(AV) (Max Average Forward Current, Ta=63°C): 1.0A
    · IFSM (Max Peak Forward Surge Current): 30A
    · VF (Max Peak Forward Voltage @ IF=1.0A): 0.98V
    · IR (Max DC Reverse Current @ VRRM): 10µA
    · Trr (Max Reverse Recovery Time): 35ns
    · TJ (Junction Temperature Range): -65 to +150°C
    · TSTG (Storage Temperature Range): -65 to +150°C

    # 1.0A Axial Leaded Ultra-Fast Rectifier (11DF1/11DF2)

    ## Features
    · High current & surge capability
    · High reliability
    · Low reverse current & forward voltage drop
    · Superfast recovery time

    ## Mechanical Data
    · Case: DO-41 molded plastic
    · Epoxy: UL94V-O flame retardant
    · Lead: Solderable per MIL-STD-202
    · Polarity: Color band denotes cathode
    · Mounting: Any position
    · Weight: 0.339 gram
    · Dimensions:
    - A: 25.40 mm
    - B: 4.06 - 5.21 mm
    - C: 0.71 - 0.864 mm
    - D: 2.00 - 2.72 mm

    ## Electrical Characteristics (@ Ta = 25°C)
    · VRRM (Max Recurrent Peak Reverse Voltage): 100V (11DF1) / 200V (11DF2)
    · VRMS (Max RMS Voltage): 70V (11DF1) / 140V (11DF2)
    · VDC (Max DC Blocking Voltage): 100V (11DF1) / 200V (11DF2)
    · IF(AV) (Max Average Forward Current, Ta=63°C): 1.0A
    · IFSM (Max Peak Forward Surge Current): 30A
    · VF (Max Peak Forward Voltage @ IF=1.0A): 0.98V
    · IR (Max DC Reverse Current @ VRRM): 10µA
    · Trr (Max Reverse Recovery Time): 35ns
    · TJ (Junction Temperature Range): -65 to +150°C
    · TSTG (Storage Temperature Range): -65 to +150°C

    Part No.11DF1
    ManufacturerSUNMATE
    Size101 Kbytes
    Pages2 pages
    Description1.0A Axial Leaded Ultra-Fast Rectifier
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com