| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 11DF3 Datasheet
# Example questions:
➢ How does the maximum average forward current change if the operating environment is a capacitive load?
➢ What is the maximum average forward current this rectifier can handle when the ambient temperature is 57°c?
➢ What is the minimum and maximum dimension 'b' of this do-41 package in millimeters?
# 11DF3/11DF4 Ultra-Fast Rectifier
## Features
· 1.0A Axial Leaded Ultra-Fast Rectifier
· High current capability
· High surge current capability
· High reliability
· Low reverse current
· Low forward voltage drop
· Superfast recovery time
· RoHS Compliant
## Mechanical Data
· Case: DO-41 Molded plastic
· Epoxy: UL94V-O rate flame retardant
· Lead: Axial lead solderable per MIL-STD-202, Method 208
· Polarity: Color band denotes cathode end
· Mounting Position: Any
· Weight: 0.339 gram
· Dimensions:
- A: 25.40 mm
- B: 4.06 - 5.21 mm
- C: 0.71 - 0.864 mm
- D: 2.00 - 2.72 mm
## Maximum Ratings & Electrical Characteristics (@ TA = 25°C)
· VRRM: 300 - 400 V
· VRMS: 210 - 280 V
· VDC: 300 - 400 V
· IF(AV): 1.0 A (@ Ta = 57°C)
· IFSM: 30 A
· VF: 1.25 V (@ IF = 1.0 A)
· IR: 10 µA (@ VRRM)
· Trr: 35 ns
· TJ: -65 to +150 °C
· TSTG: -65 to +150 °C
## Notes
· Reverse Recovery Test Conditions: IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
· Single phase, half wave, 60Hz, resistive or inductive load.
· For capacitive load, derate current by 20%.
# 11DF3/11DF4 Ultra-Fast Rectifier
## Features
· 1.0A Axial Leaded Ultra-Fast Rectifier
· High current capability
· High surge current capability
· High reliability
· Low reverse current
· Low forward voltage drop
· Superfast recovery time
· RoHS Compliant
## Mechanical Data
· Case: DO-41 Molded plastic
· Epoxy: UL94V-O rate flame retardant
· Lead: Axial lead solderable per MIL-STD-202, Method 208
· Polarity: Color band denotes cathode end
· Mounting Position: Any
· Weight: 0.339 gram
· Dimensions:
- A: 25.40 mm
- B: 4.06 - 5.21 mm
- C: 0.71 - 0.864 mm
- D: 2.00 - 2.72 mm
## Maximum Ratings & Electrical Characteristics (@ TA = 25°C)
· VRRM: 300 - 400 V
· VRMS: 210 - 280 V
· VDC: 300 - 400 V
· IF(AV): 1.0 A (@ Ta = 57°C)
· IFSM: 30 A
· VF: 1.25 V (@ IF = 1.0 A)
· IR: 10 µA (@ VRRM)
· Trr: 35 ns
· TJ: -65 to +150 °C
· TSTG: -65 to +150 °C
## Notes
· Reverse Recovery Test Conditions: IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
· Single phase, half wave, 60Hz, resistive or inductive load.
· For capacitive load, derate current by 20%.
| Part No. | 11DF3 |
| Manufacturer | SUNMATE |
| Size | 143 Kbytes |
| Pages | 2 pages |
| Description | 1.0A Axial Leaded Ultra-Fast Rectifier |