Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

INTERNETOFFICE500 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about INTERNETOFFICE500_15 Datasheet

  • # Example questions: ➢ What is the maximum runtime this ups can provide when supporting a full load of 500va?
    ➢ What type of notification methods does the usb port provide regarding the ups status and power conditions?
    ➢ How many total outlets are available on the internetoffice500, and how are they divided between battery-supported and surge-only types?

  • Part No.INTERNETOFFICE500_15
    ManufacturerTRIPPLITE
    Size500 Kbytes
    Pages5 pages
    DescriptionInternet Office 120V 500VA 280W Standby UPS,USB port, 6 Outlets, Tel,DSL,Ethernet Protection
    Datasheet Summary with AI

    # Tripp Lite INTERNETOFFICE500 UPS

    ## Overview
    ️· Type: Standby UPS with surge protection
    ️· Capacity: 500VA / 280W
    ️· Configuration: Tower, gray
    ️· Applications: Personal computers, internetworking equipment, telecom, audio/video

    ## Features
    ️· Outlets: 3 battery-supported, 3 surge-only
    ️· Runtime: 4.6 min @ 500VA (full load), 14.8 min @ 250VA (half load)
    ️· USB: Enables automatic shutdown, status monitoring
    ️· Surge Protection: AC and Tel/DSL/Ethernet line
    ️· Indicators: LEDs for power status, audible alarm
    ️· User Replaceable Battery: Access via built-in panel
    ️· Software: PowerAlert software available for free download
    ️· Compatibility: Windows, Mac OS X, Network UPS Tools (NUT)

    ## Specifications
    ️· Input: 120V / 60Hz

    ️· Output Voltage: 115V/120V
    ️· Input Cord Length: 6 ft
    ️· Transfer Time: 2-4 milliseconds
    ️· Battery Access: Hot-swappable
    ️· Certifications: UL1778, CSA, NOM, FCC Class B

    ## Protection & Insurance
    ️· Connected Equipment Insurance: $150,000 (USA, Puerto Rico, & Canada)

    ## Package Contents
    ️· INTERNETOFFICE500 UPS
    ️· USB cable
    ️· Phone cable
    ️· Instruction manual

    # Tripp Lite INTERNETOFFICE500 UPS

    ## Overview
    ️· Type: Standby UPS with surge protection
    ️· Capacity: 500VA / 280W
    ️· Configuration: Tower, gray
    ️· Applications: Personal computers, internetworking equipment, telecom, audio/video

    ## Features
    ️· Outlets: 3 battery-supported, 3 surge-only
    ️· Runtime: 4.6 min @ 500VA (full load), 14.8 min @ 250VA (half load)
    ️· USB: Enables automatic shutdown, status monitoring
    ️· Surge Protection: AC and Tel/DSL/Ethernet line
    ️· Indicators: LEDs for power status, audible alarm
    ️· User Replaceable Battery: Access via built-in panel
    ️· Software: PowerAlert software available for free download
    ️· Compatibility: Windows, Mac OS X, Network UPS Tools (NUT)

    ## Specifications
    ️· Input: 120V / 60Hz
    ️· Output Voltage: 115V/120V
    ️· Input Cord Length: 6 ft
    ️· Transfer Time: 2-4 milliseconds
    ️· Battery Access: Hot-swappable
    ️· Certifications: UL1778, CSA, NOM, FCC Class B

    ## Protection & Insurance
    ️· Connected Equipment Insurance: $150,000 (USA, Puerto Rico, & Canada)

    ## Package Contents
    ️· INTERNETOFFICE500 UPS
    ️· USB cable
    ️· Phone cable
    ️· Instruction manual

    Part No.INTERNETOFFICE500_15
    ManufacturerTRIPPLITE
    Size500 Kbytes
    Pages5 pages
    DescriptionInternet Office 120V 500VA 280W Standby UPS,USB port, 6 Outlets, Tel,DSL,Ethernet Protection