Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APT1608LZGCK Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about APT1608LZGCK Datasheet

  • # Example questions: ➢ What precautions should be taken when handling these leds to prevent damage?
    ➢ What is the recommended operating temperature range for this led component?
    ➢ What is the typical forward voltage for the green led at a forward current of 2ma?

  • Part No.APT1608LZGCK
    ManufacturerKINGBRIGHT
    Size233 Kbytes
    Pages5 pages
    DescriptionLow power consumption
    Datasheet Summary with AI

    # APT1608LZGCK LED Lamp

    ## Features

    ️· Dimensions: 1.6mm x 0.8mm SMT LED, 0.75mm thickness.
    ️· Power Consumption: Low power consumption.
    ️· Viewing Angle: Wide viewing angle.
    ️· Application: Ideal for backlight and indicator applications.
    ️· Packaging: 2000pcs / reel.
    ️· Moisture Sensitivity: Level 3.
    ️· Operating Current: Low current IF=2mA.
    ️· RoHS Compliant: Yes.
    ️· Material: InGaN on Sapphire.

    ## Electrical and Optical Characteristics

    ️· Peak Wavelength (λpeak): 515 nm (Green, at IF=2mA)
    ️· Dominant Wavelength (λD): 525 nm (Green, at IF=2mA)
    ️· Spectral Line Half-width (Δλ1/2): 35 nm (Green, at IF=2mA)
    ️· Capacitance (C): 45 pF (VF=0V; f=1MHz)

    ️· Forward Voltage (VF): 2.2 - 3 V (at IF=2mA)
    ️· Reverse Current (IR): ≤ 50 μA (VR=5V)
    ️· Power Dissipation: 75 mW
    ️· DC Forward Current: 25 mA
    ️· Peak Forward Current: 150 mA
    ️· Reverse Voltage: 5 V
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -40°C to +85°C
    ️· Viewing Angle: 120° (2θ1/2)
    ️· Luminous Intensity: Min. 20 mcd, Typ. 50 mcd @ 2mA, +/- 15%

    ## Handling and Usage

    ️· Electrostatic Discharge: Requires precautions to prevent damage. Wrist bands or anti-electrostatic gloves recommended. Equipment must be electrically grounded.
    ️· Soldering: Reflow soldering recommended.
    ️· Mounting: Single mounting surface, must adhere to specifications.

    # APT1608LZGCK LED Lamp

    ## Features

    ️· Dimensions: 1.6mm x 0.8mm SMT LED, 0.75mm thickness.
    ️· Power Consumption: Low power consumption.
    ️· Viewing Angle: Wide viewing angle.
    ️· Application: Ideal for backlight and indicator applications.
    ️· Packaging: 2000pcs / reel.
    ️· Moisture Sensitivity: Level 3.
    ️· Operating Current: Low current IF=2mA.
    ️· RoHS Compliant: Yes.
    ️· Material: InGaN on Sapphire.

    ## Electrical and Optical Characteristics

    ️· Peak Wavelength (λpeak): 515 nm (Green, at IF=2mA)
    ️· Dominant Wavelength (λD): 525 nm (Green, at IF=2mA)
    ️· Spectral Line Half-width (Δλ1/2): 35 nm (Green, at IF=2mA)
    ️· Capacitance (C): 45 pF (VF=0V; f=1MHz)
    ️· Forward Voltage (VF): 2.2 - 3 V (at IF=2mA)
    ️· Reverse Current (IR): ≤ 50 μA (VR=5V)
    ️· Power Dissipation: 75 mW
    ️· DC Forward Current: 25 mA
    ️· Peak Forward Current: 150 mA
    ️· Reverse Voltage: 5 V
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -40°C to +85°C
    ️· Viewing Angle: 120° (2θ1/2)
    ️· Luminous Intensity: Min. 20 mcd, Typ. 50 mcd @ 2mA, +/- 15%

    ## Handling and Usage

    ️· Electrostatic Discharge: Requires precautions to prevent damage. Wrist bands or anti-electrostatic gloves recommended. Equipment must be electrically grounded.
    ️· Soldering: Reflow soldering recommended.
    ️· Mounting: Single mounting surface, must adhere to specifications.

    Part No.APT1608LZGCK
    ManufacturerKINGBRIGHT
    Size233 Kbytes
    Pages5 pages
    DescriptionLow power consumption
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com