Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WP710A10GD Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about WP710A10GD Datasheet

  • # Example questions: ➢ What is the maximum allowable power dissipation for this t-1 (3mm) solid state lamp?
    ➢ Within what temperature range can this lamp be safely operated or stored?
    ➢ What is the typical forward voltage for the wp710a10gd lamp at a forward current of 20ma?

  • Part No.WP710A10GD
    ManufacturerKINGBRIGHT
    Size323 Kbytes
    Pages6 pages
    DescriptionLow power consumption
    Datasheet Summary with AI

    # WP710A10GD - Green T-1 (3mm) Solid State Lamp

    ## Features

    ️· Low power consumption
    ️· Popular T-1 diameter package
    ️· General purpose leads
    ️· Reliable and rugged
    ️· Long life - solid state reliability
    ️· Available on tape and reel
    ️· RoHS compliant

    ## Description

    ️· Green light-emitting diode (LED) made with Gallium Phosphide (GaP).

    ## Selection Guide

    Part No. Dice Lens Type Viewing Angle [1]
    WP710A10GD Green (GaP) Green Diffused 40°

    ## Electrical & Optical Characteristics

    ️· Peak Wavelength (λpeak): 565 nm (IF=20mA)
    ️· Dominant Wavelength (λD): 568 nm (IF=20mA)
    ️· Spectral Line Half-width (Δλ1/2): 30 nm (IF=20mA)
    ️· Capacitance (C): 15 pF (VF=0V; f=1MHz)
    ️· Forward Voltage (VF): 2.2 - 2.5 V (IF=20mA)
    ️· Reverse Current (IR): 10 uA (VR = 5V)

    ## Absolute Maximum Ratings

    ️· Power Dissipation: 62.5 mW
    ️· DC Forward Current: 25 mA
    ️· Peak Forward Current: 140 mA (1/10 Duty Cycle, 0.1ms Pulse Width)
    ️· Reverse Voltage: 5 V
    ️· Operating/Storage Temperature: -40°C to +85°C
    ️· Lead Solder Temperature: 260°C (3 seconds / 5 seconds)

    ## Notes

    ️· θ1/2 (Viewing Angle): Angle from the optical centerline where luminous intensity is 1/2 of the peak.
    ️· Luminous intensity/luminous flux: +/- 15%
    ️· Wavelength: +/- 1nm
    ️· Forward Voltage: +/- 0.1V



    ## Terms and Conditions

    ️· Specifications are subject to change without notice.
    ️· Customer should refer to the latest datasheet before production usage.
    ️· Operation within specified limits is required; Kingbright is not responsible for issues outside those limits.
    ️· Consult Kingbright for special reliability or life-threatening application requirements (automotive, medical).

    # WP710A10GD - Green T-1 (3mm) Solid State Lamp

    ## Features

    ️· Low power consumption
    ️· Popular T-1 diameter package
    ️· General purpose leads
    ️· Reliable and rugged
    ️· Long life - solid state reliability
    ️· Available on tape and reel
    ️· RoHS compliant

    ## Description

    ️· Green light-emitting diode (LED) made with Gallium Phosphide (GaP).

    ## Selection Guide

    Part No. Dice Lens Type Viewing Angle [1]
    WP710A10GD Green (GaP) Green Diffused 40°

    ## Electrical & Optical Characteristics

    ️· Peak Wavelength (λpeak): 565 nm (IF=20mA)
    ️· Dominant Wavelength (λD): 568 nm (IF=20mA)
    ️· Spectral Line Half-width (Δλ1/2): 30 nm (IF=20mA)
    ️· Capacitance (C): 15 pF (VF=0V; f=1MHz)
    ️· Forward Voltage (VF): 2.2 - 2.5 V (IF=20mA)
    ️· Reverse Current (IR): 10 uA (VR = 5V)

    ## Absolute Maximum Ratings

    ️· Power Dissipation: 62.5 mW
    ️· DC Forward Current: 25 mA
    ️· Peak Forward Current: 140 mA (1/10 Duty Cycle, 0.1ms Pulse Width)
    ️· Reverse Voltage: 5 V
    ️· Operating/Storage Temperature: -40°C to +85°C
    ️· Lead Solder Temperature: 260°C (3 seconds / 5 seconds)

    ## Notes

    ️· θ1/2 (Viewing Angle): Angle from the optical centerline where luminous intensity is 1/2 of the peak.
    ️· Luminous intensity/luminous flux: +/- 15%
    ️· Wavelength: +/- 1nm
    ️· Forward Voltage: +/- 0.1V



    ## Terms and Conditions

    ️· Specifications are subject to change without notice.
    ️· Customer should refer to the latest datasheet before production usage.
    ️· Operation within specified limits is required; Kingbright is not responsible for issues outside those limits.
    ️· Consult Kingbright for special reliability or life-threatening application requirements (automotive, medical).

    Part No.WP710A10GD
    ManufacturerKINGBRIGHT
    Size323 Kbytes
    Pages6 pages
    DescriptionLow power consumption
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com