Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM03 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SM03 Datasheet

  • # Example questions: ➢ How does the connection configuration differ between unidirectional and bidirectional protection using this device?
    ➢ What is the maximum operating temperature range for the sm03 through sm36 tvs array?
    ➢ What is the peak pulse power rating, in watts, for the sm03 through sm36 devices, and under what pulse width is this rating specified?

  • Part No.SM03
    ManufacturerMICROSEMI
    Size138 Kbytes
    Pages2 pages
    DescriptionTVSarray Series
    Datasheet Summary with AI

    # MSC1378.PDF Transient Voltage Suppressor (TVS) Diode Arrays

    ## Product Description

    · Offers 2 unidirectional or 1 bidirectional protection against voltage transients (ESD, EFT)
    · Protects 3.0/3.3V components (DRAMs, SRAMs, CMOS, etc.) up to 36V
    · Ideal for miniaturized electronics like hand-held instruments and cell phones.
    · Utilizes a 3-pin configuration:
    - Unidirectional: Pins 1 & 2 to Input/Output, Pin 3 to ground
    - Bidirectional: Pin 1 or 2 to Input/Output, opposite pin to ground, Pin 3 unconnected.

    ## Features

    · Voltage Protection: 3.0/3.3V up to 36V
    · Protection Type: 2 Unidirectional or 1 Bidirectional line
    · Electrically isolated protection
    · Surface Mount SOT-23 Packaging

    ## Specifications

    Maximum Ratings

    · Operating Temperature: -55°C to +150°C
    · Storage Temperature: -55°C to +150°C
    · Peak Pulse Power (SM03-SM36): 500 Watts (8/20 µsec)
    · Pulse Repetition Rate: <0.01%

    Electrical Characteristics (per line @ 25°C)

    Part Number Device Marking VWM (Volts) VBR (@1mA) (Volts) VC @ 1A (Volts) VC @ 5A (Volts) ID (@ VWM) (µA) C (Pin 1-3 or 2-3) (pF) C (Pin 1-2) (pF)
    SM03 M03 3.3 4 7 9 200 800 400
    SM05 M05 5.0 6.0 9.8 11 100 600 300
    SM12 M12 12.0 13.3 19 24 1 185 93
    SM15 M15 15.0 16.7 24 30 1 140 70
    SM24 M24 24.0 26.7 43 55 1 88 44
    SM36 M36 36.0 40.0 60 75 1 88 39

    ## Packaging

    · Tape & Reel (EIA Standard 481)
    · Reel Sizes: 7" (5,000 pieces), 13" (10,000 pieces)
    · Molded SOT-23 Surface Mount
    · Weight: ~0.014 grams

    ## Notes

    · Select a product where VWM is equal to or greater than the circuit’s continuous peak operating voltage.

    # MSC1378.PDF Transient Voltage Suppressor (TVS) Diode Arrays

    ## Product Description

    · Offers 2 unidirectional or 1 bidirectional protection against voltage transients (ESD, EFT)
    · Protects 3.0/3.3V components (DRAMs, SRAMs, CMOS, etc.) up to 36V
    · Ideal for miniaturized electronics like hand-held instruments and cell phones.
    · Utilizes a 3-pin configuration:
    - Unidirectional: Pins 1 & 2 to Input/Output, Pin 3 to ground
    - Bidirectional: Pin 1 or 2 to Input/Output, opposite pin to ground, Pin 3 unconnected.

    ## Features

    · Voltage Protection: 3.0/3.3V up to 36V
    · Protection Type: 2 Unidirectional or 1 Bidirectional line
    · Electrically isolated protection
    · Surface Mount SOT-23 Packaging

    ## Specifications

    Maximum Ratings

    · Operating Temperature: -55°C to +150°C
    · Storage Temperature: -55°C to +150°C
    · Peak Pulse Power (SM03-SM36): 500 Watts (8/20 µsec)
    · Pulse Repetition Rate: <0.01%

    Electrical Characteristics (per line @ 25°C)

    Part Number Device Marking VWM (Volts) VBR (@1mA) (Volts) VC @ 1A (Volts) VC @ 5A (Volts) ID (@ VWM) (µA) C (Pin 1-3 or 2-3) (pF) C (Pin 1-2) (pF)
    SM03 M03 3.3 4 7 9 200 800 400
    SM05 M05 5.0 6.0 9.8 11 100 600 300
    SM12 M12 12.0 13.3 19 24 1 185 93
    SM15 M15 15.0 16.7 24 30 1 140 70
    SM24 M24 24.0 26.7 43 55 1 88 44
    SM36 M36 36.0 40.0 60 75 1 88 39

    ## Packaging

    · Tape & Reel (EIA Standard 481)
    · Reel Sizes: 7" (5,000 pieces), 13" (10,000 pieces)
    · Molded SOT-23 Surface Mount
    · Weight: ~0.014 grams

    ## Notes

    · Select a product where VWM is equal to or greater than the circuit’s continuous peak operating voltage.

    Part No.SM03
    ManufacturerMICROSEMI
    Size138 Kbytes
    Pages2 pages
    DescriptionTVSarray Series