| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about USB0805 Datasheet
# Example questions:
➢ What is the recommended method for identifying pin #1 on the so-8 package?
➢ How does the capacitance of the usb08xx series vary between different part numbers, and what is the capacitance per line pair?
➢ What is the peak pulse power rating of the usb08xx series, and for what pulse duration is this rating valid?
# MSC1537.PDF ISO 9001 CERTIFIED REV B 7/07/2000
## Product Description
️· Type: Transient Voltage Suppressor (TVS) array
️· Configuration: SO-8 package, protects 2 unidirectional data/interface lines.
️· Function: Board-level protection against voltage transients caused by ESD (IEC 1000-4-2), EFT (IEC 1000-4-4), and secondary lighting.
️· Power Rating: 500 watts (8/20µsec pulse)
️· Application: Protects sensitive circuitry like TTL, CMOS DRAM’s, SRAM’s, HCMOS, HSIC microprocessors, USB, and I/O transceivers.
## Features
️· Protects up to 2 unidirectional lines
️· Surge protection per IEC 1000-4-2, IEC 1000-4-4
️· Provides electrically isolated protection
️· SO-8 Packaging
️· Ultra-Low Capacitance: 3 pF per line pair
️· Ultra-Low Leakage
️· Molded SO-8 Surface Mount
️· Weight: 0.066 grams (approximate)
️· Marking: Logo, device number, date code
️· Pin #1 defined by DOT on top of package
## Maximum Ratings
️· Operating Temperature: -55°C to +150°C
️· Storage Temperature: -55°C to +150°C
️· Peak Pulse Power: 500 Watts (8/20 µsec)
️· Pulse Repetition Rate: <.01%
## Electrical Characteristics (Per Line)
️· Stand-Off Voltage (VWM): 3.3 - 24 Volts (varies by part number - see table)
️· Breakdown Voltage (VBR) @ 1mA: 4 - 26.7 Volts (varies by part number)
️· Clamping Voltage (VC) @ 1 Amp: 8 - 57 Volts (varies by part number)
️· Clamping Voltage (VC) @ 5 Amp: 5 - 28 Volts (varies by part number)
️· Leakage Current (ID) @ VWM: 5 - 200 µA (varies by part number)
️· Capacitance (f=1 MHz) @ 0V: 1 - 8 pF (varies by part number)
️· Temperature Coefficient of VBR: -5 to 11 mV/°C (varies by part number)
| Part Number | Stand-Off Voltage (VWM) | Breakdown Voltage (VBR) @1mA | Clamping Voltage (VC) @1A | Clamping Voltage (VC) @5A | Leakage Current (ID) @ VWM | Capacitance (C) | |
|---|---|---|---|---|---|---|---|
| USB0803 | 3.3 | 4 | 8 | 11 | 200 | 5 | -5 |
| USB0805 | 5.0 | 6.0 | 10.8 | 13 | 20 | 5 | 1 |
| USB0812 | 12.0 | 13.3 | 19 | 26 | 1 | 5 | 8 |
| USB0815 | 15.0 | 16.7 | 25 | 32 | 1 | 5 | 11 |
| USB0824 | 24.0 | 26.7 | 44 | 57 | 1 | 5 | 28 |
# MSC1537.PDF ISO 9001 CERTIFIED REV B 7/07/2000
## Product Description
️· Type: Transient Voltage Suppressor (TVS) array
️· Configuration: SO-8 package, protects 2 unidirectional data/interface lines.
️· Function: Board-level protection against voltage transients caused by ESD (IEC 1000-4-2), EFT (IEC 1000-4-4), and secondary lighting.
️· Power Rating: 500 watts (8/20µsec pulse)
️· Application: Protects sensitive circuitry like TTL, CMOS DRAM’s, SRAM’s, HCMOS, HSIC microprocessors, USB, and I/O transceivers.
## Features
️· Protects up to 2 unidirectional lines
️· Surge protection per IEC 1000-4-2, IEC 1000-4-4
️· Provides electrically isolated protection
️· SO-8 Packaging
️· Ultra-Low Capacitance: 3 pF per line pair
️· Ultra-Low Leakage
️· Molded SO-8 Surface Mount
️· Weight: 0.066 grams (approximate)
️· Marking: Logo, device number, date code
️· Pin #1 defined by DOT on top of package
## Maximum Ratings
️· Operating Temperature: -55°C to +150°C
️· Storage Temperature: -55°C to +150°C
️· Peak Pulse Power: 500 Watts (8/20 µsec)
️· Pulse Repetition Rate: <.01%
## Electrical Characteristics (Per Line)
️· Stand-Off Voltage (VWM): 3.3 - 24 Volts (varies by part number - see table)
️· Breakdown Voltage (VBR) @ 1mA: 4 - 26.7 Volts (varies by part number)
️· Clamping Voltage (VC) @ 1 Amp: 8 - 57 Volts (varies by part number)
️· Clamping Voltage (VC) @ 5 Amp: 5 - 28 Volts (varies by part number)
️· Leakage Current (ID) @ VWM: 5 - 200 µA (varies by part number)
️· Capacitance (f=1 MHz) @ 0V: 1 - 8 pF (varies by part number)
️· Temperature Coefficient of VBR: -5 to 11 mV/°C (varies by part number)
| Part Number | Stand-Off Voltage (VWM) | Breakdown Voltage (VBR) @1mA | Clamping Voltage (VC) @1A | Clamping Voltage (VC) @5A | Leakage Current (ID) @ VWM | Capacitance (C) | |
|---|---|---|---|---|---|---|---|
| USB0803 | 3.3 | 4 | 8 | 11 | 200 | 5 | -5 |
| USB0805 | 5.0 | 6.0 | 10.8 | 13 | 20 | 5 | 1 |
| USB0812 | 12.0 | 13.3 | 19 | 26 | 1 | 5 | 8 |
| USB0815 | 15.0 | 16.7 | 25 | 32 | 1 | 5 | 11 |
| USB0824 | 24.0 | 26.7 | 44 | 57 | 1 | 5 | 28 |
| Part No. | USB0805 |
| Manufacturer | MICROSEMI |
| Size | 92 Kbytes |
| Pages | 2 pages |
| Description | TVSarray Series |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |