Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB50403C Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about USB50403C Datasheet

  • # Example questions: ➢ What is the range of values for dimension 'j' in millimeters?
    ➢ What is the maximum standoff voltage (in inches) for dimension 'h' as specified in the datasheet?
    ➢ Identify three dimensions that are specified in both inches and millimeters.

  • Part No.USB50403C
    ManufacturerMICROSEMI
    Size69 Kbytes
    Pages2 pages
    DescriptionTVSarray ??Series
    Datasheet Summary with AI

    1. Document Type:

    ️· This appears to be a datasheet or technical specification sheet for a semiconductor device, specifically a Transient Voltage Suppressor (TVS) diode. The product series name is "USB" (implied from the product numbers likely found on the datasheet - not fully visible).

    2. Key Product Features & Specifications (from visible portions of the data):

    ️· Function: Transient Voltage Suppression (TVS) - protects circuits from voltage spikes and surges.
    ️· Product Naming Convention: Likely in the format "USB-XXXXX" (where XXXXX represents a specific product code).
    ️· Dimensions (in mm):
    - A: 1.78 - 2.03 mm
    - B: 1.20 - 1.40 mm
    - C: 0.77 - 0.94 mm
    - C1: 0.37 - 0.50 mm
    - D: 2.80 - 3.04 mm
    - E: 0.89 - 1.17 mm
    - F: 1.80 - 2.00 mm
    - G: 0.013 - 0.05 mm
    - H: 0.085 - 0.17 mm
    - I: 0.45 - 0.60 mm
    - J: 2.10 - 2.50 mm
    ️· Electrical Characteristics (examples, from visible values - *note that many more are likely present on the full datasheet*):
    - Working Voltage (likely, though not explicitly stated)
    - Breakdown Voltage
    - Capacitance
    - Reverse Leakage Current

    3. Document Purpose:

    1. Document Type:

    ️· This appears to be a datasheet or technical specification sheet for a semiconductor device, specifically a Transient Voltage Suppressor (TVS) diode. The product series name is "USB" (implied from the product numbers likely found on the datasheet - not fully visible).

    2. Key Product Features & Specifications (from visible portions of the data):

    ️· Function: Transient Voltage Suppression (TVS) - protects circuits from voltage spikes and surges.
    ️· Product Naming Convention: Likely in the format "USB-XXXXX" (where XXXXX represents a specific product code).
    ️· Dimensions (in mm):
    - A: 1.78 - 2.03 mm
    - B: 1.20 - 1.40 mm
    - C: 0.77 - 0.94 mm
    - C1: 0.37 - 0.50 mm
    - D: 2.80 - 3.04 mm
    - E: 0.89 - 1.17 mm
    - F: 1.80 - 2.00 mm
    - G: 0.013 - 0.05 mm
    - H: 0.085 - 0.17 mm
    - I: 0.45 - 0.60 mm
    - J: 2.10 - 2.50 mm
    ️· Electrical Characteristics (examples, from visible values - *note that many more are likely present on the full datasheet*):
    - Working Voltage (likely, though not explicitly stated)
    - Breakdown Voltage
    - Capacitance
    - Reverse Leakage Current

    3. Document Purpose:

    Part No.USB50403C
    ManufacturerMICROSEMI
    Size69 Kbytes
    Pages2 pages
    DescriptionTVSarray ??Series