| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about USB0815C Datasheet
# Example questions:
➢ What is the maximum leakage current for the usb0812c at its rated stand-off voltage?
➢ What is the maximum peak pulse power this tvs array can withstand, and for what pulse duration is this rating valid?
➢ How many bidirectional data or interface lines can be protected by a single usb08xxc device?
# USB08XXC Transient Voltage Suppressor (TVS) Array
## Description
️· 500-watt TVS array packaged in SO-8 configuration
️· Protects up to 2 Bidirectional lines
️· Designed for board-level protection from ESD, EFT, and secondary lighting
️· Suitable for TTL, CMOS DRAM’s, SRAM’s, HCMOS, HSIC microprocessors, USB, and I/O transceivers
## Features
️· Surge protection per IEC 1000-4-2, IEC 1000-4-4
️· Provides electrically isolated protection
️· Ultra Low Capacitance: 5 pF per line pair
️· Ultra Low Leakage
️· Weight: 0.066 grams (approximate)
️· Pin #1 defined by DOT on top of package
## Ratings
️· Operating Temperature: -55°C to +150°C
️· Storage Temperature: -55°C to +150°C
️· Peak Pulse Power: 500 Watts (8/20 µsec)
️· Pulse Repetition Rate: <.01%
## Packaging Options
️· Tape & Reel (EIA Standard 481-1-A) - 2,500 pieces
️· Carrier Tubes - 95 pieces
## Electrical Characteristics (Per Line)
| Part Number | Device Marking | VWM (Volts) | VBR (@1mA) (Volts) | VC (@1A) (Volts) | VC (@5A) (Volts) | ID (@VWM) (µA) | C (pF) | áVBR (mV/°C) |
|---|---|---|---|---|---|---|---|---|
| USB0803C | U3C | 3.3 - 4 | 7 - 11 | 200 | 5 | -5 | | |
| USB0805C | U5C | 5.0 - 6.0 | 9.8 - 13 | 40 | 5 | 1 | | |
| USB0812C | U12C | 12.0 - 13.3 | 19 - 26 | 1 | 5 | 8 | | |
| USB0815C | U15C | 15.0 - 16.7 | 24 - 32 | 1 | 5 | 11 | | |
| USB0824C | U24C | 24.0 - 26.7 | 43 - 57 | 1 | 5 | 28 | | |
## Note
️· Select a product where the stand-off Voltage (VWM) is equal to or greater than the circuit’s continuous peak operating voltage.
# USB08XXC Transient Voltage Suppressor (TVS) Array
## Description
️· 500-watt TVS array packaged in SO-8 configuration
️· Protects up to 2 Bidirectional lines
️· Designed for board-level protection from ESD, EFT, and secondary lighting
️· Suitable for TTL, CMOS DRAM’s, SRAM’s, HCMOS, HSIC microprocessors, USB, and I/O transceivers
## Features
️· Surge protection per IEC 1000-4-2, IEC 1000-4-4
️· Provides electrically isolated protection
️· Ultra Low Capacitance: 5 pF per line pair
️· Ultra Low Leakage
️· Weight: 0.066 grams (approximate)
️· Pin #1 defined by DOT on top of package
## Ratings
️· Operating Temperature: -55°C to +150°C
️· Storage Temperature: -55°C to +150°C
️· Peak Pulse Power: 500 Watts (8/20 µsec)
️· Pulse Repetition Rate: <.01%
## Packaging Options
️· Tape & Reel (EIA Standard 481-1-A) - 2,500 pieces
️· Carrier Tubes - 95 pieces
## Electrical Characteristics (Per Line)
| Part Number | Device Marking | VWM (Volts) | VBR (@1mA) (Volts) | VC (@1A) (Volts) | VC (@5A) (Volts) | ID (@VWM) (µA) | C (pF) | áVBR (mV/°C) |
|---|---|---|---|---|---|---|---|---|
| USB0803C | U3C | 3.3 - 4 | 7 - 11 | 200 | 5 | -5 | ||
| USB0805C | U5C | 5.0 - 6.0 | 9.8 - 13 | 40 | 5 | 1 | ||
| USB0812C | U12C | 12.0 - 13.3 | 19 - 26 | 1 | 5 | 8 | ||
| USB0815C | U15C | 15.0 - 16.7 | 24 - 32 | 1 | 5 | 11 | ||
| USB0824C | U24C | 24.0 - 26.7 | 43 - 57 | 1 | 5 | 28 |
| Part No. | USB0815C |
| Manufacturer | MICROSEMI |
| Size | 91 Kbytes |
| Pages | 2 pages |
| Description | TVSarray Series |