Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FSP030-1FZ1FS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FSP030-1FZ1FS Datasheet

  • # Example questions: ➢ How does the efficiency of this power supply compare to other models, given its stated minimum of 87%?
    ➢ What is the maximum output current this power supply can deliver?
    ➢ Within what temperature range can this power supply be safely operated?

  • Part No.FSP030-1FZ1FS
    ManufacturerFSP
    Size118 Kbytes
    Pages1 page
    DescriptionHigh Efficiency & Long Life
    Datasheet Summary with AI

    # FSP030-1FZ1FS LED Lighting Power Supply

    ## Features

    · High efficiency and long life
    · Compact size
    · Optimized performance
    · Fully isolated and SELV
    · Protections: Short Circuit, Over Voltage, Over Temperature
    · Class 2 power unit
    · IP20 rating

    ## Specification

    Electrical Input

    · Input Voltage: 100~240 Vac
    · Input Frequency: 47~63 Hz
    · PFC: ≧ 0.9
    · Input Current: 100Vac / Maximum Load ≤0.6A, 240Vac / Maximum Load≤0.4A
    · Inrush Current: <50A (cold start, full load)

    Output

    · Output Voltage: 42 V
    · Output Current: 0-700 mA
    · Output Rating: Constant Voltage
    · Efficiency: ≧ 87 %
    · Life: 50,000 hours (without system & full load, @230Vac & ambient 25°C)

    Environmental

    · Operating Temperature: -20 ℃ to +50 ℃
    · Storage Temperature: -20 ℃ to +70 ℃
    · Insulation: Primary to Secondary: 500Vdc, 25M ohms min.

    EMC Performance

    · EN55015: Class B Conducted, Class B radiated
    · EN55022: Class B Conducted, Class B radiated
    · EN61000-3-2: B
    · EN61000-4-3: 1
    · EN61000-4-5: Differential Mode≥2KV; Common Mode≥4KV

    Dimensions

    · 220mm (L) x 50mm (W) x 30mm (H)

    ## Protection Functions

    · OVP (Over Voltage Protection)
    · OTP (Over Temperature Protection)
    · SCP (Short Circuit Protection)

    ## Important Notes

    · Specifications are subject to change; refer to the official specification sheet for details.
    · FSP reserves the right to change content without prior notice.

    # FSP030-1FZ1FS LED Lighting Power Supply

    ## Features

    · High efficiency and long life
    · Compact size
    · Optimized performance
    · Fully isolated and SELV
    · Protections: Short Circuit, Over Voltage, Over Temperature
    · Class 2 power unit
    · IP20 rating

    ## Specification

    Electrical Input

    · Input Voltage: 100~240 Vac
    · Input Frequency: 47~63 Hz
    · PFC: ≧ 0.9
    · Input Current: 100Vac / Maximum Load ≤0.6A, 240Vac / Maximum Load≤0.4A
    · Inrush Current: <50A (cold start, full load)

    Output

    · Output Voltage: 42 V
    · Output Current: 0-700 mA
    · Output Rating: Constant Voltage
    · Efficiency: ≧ 87 %
    · Life: 50,000 hours (without system & full load, @230Vac & ambient 25°C)

    Environmental

    · Operating Temperature: -20 ℃ to +50 ℃
    · Storage Temperature: -20 ℃ to +70 ℃
    · Insulation: Primary to Secondary: 500Vdc, 25M ohms min.

    EMC Performance

    · EN55015: Class B Conducted, Class B radiated
    · EN55022: Class B Conducted, Class B radiated
    · EN61000-3-2: B
    · EN61000-4-3: 1
    · EN61000-4-5: Differential Mode≥2KV; Common Mode≥4KV

    Dimensions

    · 220mm (L) x 50mm (W) x 30mm (H)

    ## Protection Functions

    · OVP (Over Voltage Protection)
    · OTP (Over Temperature Protection)
    · SCP (Short Circuit Protection)

    ## Important Notes

    · Specifications are subject to change; refer to the official specification sheet for details.
    · FSP reserves the right to change content without prior notice.

    Part No.FSP030-1FZ1FS
    ManufacturerFSP
    Size118 Kbytes
    Pages1 page
    DescriptionHigh Efficiency & Long Life