| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PDA010A-700C Datasheet
# Example questions:
➢ What wire gauge range is acceptable for connecting the vout+ and vout- wires to the terminal block?
➢ What is the minimum efficiency of this led driver at full load with a nominal ac input voltage?
➢ What is the maximum allowable ambient operating temperature for this led driver?
# PDA010A 10W LED Driver
## Features
· Constant Current
· RoHS Compliant
· Protections: OVP, OCP, Short/Open Circuit
· IP20 Rating
· Low Profile Design
## Applications
· Indoor Lighting
· Architectural Lighting
## Electrical Specifications
· Input Voltage: 211-264VAC (Nominal 230-240VAC)
· Output Power: 9W (Max)
· Efficiency: 70% (Min at full load)
· Power Factor: ≥0.9
· Output Current: 650mA - 750mA (Typical 700mA)
· Output Voltage: 7.5V - 12V
· Input Current: ≤70mA
· Ripple: <1A
## Environmental
· Operating Temperature: -20°C to +50°C
· Storage Temperature: -40°C to +85°C
· Operating Humidity: 10% to 95%
· Storage Humidity: 5% to 95%
## Safety & Compliance
· Certifications: CE, TUV, SAA, C-Tick, CCC, CQC
· EMC: EN55015, FCC 47 Part 18, EN55022 Class B
· Immunity: IEC61000-4-2, IEC61000-4-5, IEC61000-3-2 Class C, IEC61000-3-3
· Isolation: 3750VAC (1 minute, 10mA)
· Insulation Resistance: >5M OHM (500VDC, 1 minute)
## Mechanical
· Length: 106mm (4.17in)
· Width: 40mm (1.57in)
· Height: 21mm (0.83in)
· Weight: 85g (3oz)
## Protection Features
· Input Over Current: 1.6A Fuse
· Short Circuit Protection
· Output Over Voltage Protection (Latched)
· Open Circuit Protection (<16V output)
## Other
· Lifetime: 20,000 hours (minimum)
· Input/Output Connection: 2-pin terminal block
· Wire Gauge: AWG10-24 (Solid or Stranded)
· Warranty: 3 Years
# PDA010A 10W LED Driver
## Features
· Constant Current
· RoHS Compliant
· Protections: OVP, OCP, Short/Open Circuit
· IP20 Rating
· Low Profile Design
## Applications
· Indoor Lighting
· Architectural Lighting
## Electrical Specifications
· Input Voltage: 211-264VAC (Nominal 230-240VAC)
· Output Power: 9W (Max)
· Efficiency: 70% (Min at full load)
· Power Factor: ≥0.9
· Output Current: 650mA - 750mA (Typical 700mA)
· Output Voltage: 7.5V - 12V
· Input Current: ≤70mA
· Ripple: <1A
## Environmental
· Operating Temperature: -20°C to +50°C
· Storage Temperature: -40°C to +85°C
· Operating Humidity: 10% to 95%
· Storage Humidity: 5% to 95%
## Safety & Compliance
· Certifications: CE, TUV, SAA, C-Tick, CCC, CQC
· EMC: EN55015, FCC 47 Part 18, EN55022 Class B
· Immunity: IEC61000-4-2, IEC61000-4-5, IEC61000-3-2 Class C, IEC61000-3-3
· Isolation: 3750VAC (1 minute, 10mA)
· Insulation Resistance: >5M OHM (500VDC, 1 minute)
## Mechanical
· Length: 106mm (4.17in)
· Width: 40mm (1.57in)
· Height: 21mm (0.83in)
· Weight: 85g (3oz)
## Protection Features
· Input Over Current: 1.6A Fuse
· Short Circuit Protection
· Output Over Voltage Protection (Latched)
· Open Circuit Protection (<16V output)
## Other
· Lifetime: 20,000 hours (minimum)
· Input/Output Connection: 2-pin terminal block
· Wire Gauge: AWG10-24 (Solid or Stranded)
· Warranty: 3 Years
| Part No. | PDA010A-700C |
| Manufacturer | PHIHONG |
| Size | 154 Kbytes |
| Pages | 3 pages |
| Description | 10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting |