| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PDA024A-1A5S-R Datasheet
# Example questions:
➢ What is the maximum input current draw of this power supply at full load and 110vac?
➢ What is the maximum allowable operating temperature for this power supply?
➢ Which type of dc output connector does this power supply utilize?
# 24W LED Power Supply - PDA024A
## Features
· Low Profile Design
· IP20 Rated
· OVP, IOCP, Over-Load & Short-Circuit Protection
· SELV & UL 8750 Compliant
· ≥0.9 Power Factor Correction
· Very Low Leakage
· Class 2 Output
## Applications
· Indoor Lighting
· Under Counter Lighting
· Case Display Lighting
· Floor Lamps
## Safety Approvals
· cUL/UL
## Mechanical Characteristics
· Length: 90.5mm (3.56in)
· Width: 55.5mm (2.19in)
· Height: 38mm (1.49in)
· Weight: 125g (4.41oz)
## Output Specifications
| Model | DC Output Voltage (Min-Max) | Output Current (Max) | Output Power (Max) |
|---|---|---|---|
| PDA024A-700S-R | 24V - 34V | 700mA | 24W |
| PDA024A-1A0S-R | 16V - 24V | 1000mA | 24W |
| PDA024A-1A5S-R | 11V - 16V | 1500mA | 24W |
# 24W LED Power Supply - PDA024A
## Features
· Low Profile Design
· IP20 Rated
· OVP, IOCP, Over-Load & Short-Circuit Protection
· SELV & UL 8750 Compliant
· ≥0.9 Power Factor Correction
· Very Low Leakage
· Class 2 Output
## Applications
· Indoor Lighting
· Under Counter Lighting
· Case Display Lighting
· Floor Lamps
## Safety Approvals
· cUL/UL
## Mechanical Characteristics
· Length: 90.5mm (3.56in)
· Width: 55.5mm (2.19in)
· Height: 38mm (1.49in)
· Weight: 125g (4.41oz)
## Output Specifications
| Model | DC Output Voltage (Min-Max) | Output Current (Max) | Output Power (Max) |
|---|---|---|---|
| PDA024A-700S-R | 24V - 34V | 700mA | 24W |
| PDA024A-1A0S-R | 16V - 24V | 1000mA | 24W |
| PDA024A-1A5S-R | 11V - 16V | 1500mA | 24W |
| Part No. | PDA024A-1A5S-R |
| Manufacturer | PHIHONG |
| Size | 177 Kbytes |
| Pages | 2 pages |
| Description | 24W Adapter Style Constant Current LED Driver Wall Plug LED Power Supply |