Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMA25 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SMA25 Datasheet

  • # Example questions: ➢ What is the maximum dc current draw at 15 volts for the -54º to +85ºc temperature range?
    ➢ What are the absolute maximum storage temperature limits for this amplifier?
    ➢ What is the typical small signal gain of the amplifier at 25ºc?

  • Part No.SMA25
    ManufacturerMA-COM
    Size611 Kbytes
    Pages3 pages
    DescriptionCascadable Amplifier 5 to 1500 MHz
    Datasheet Summary with AI

    # A25 / SMA25 Cascadable Amplifier (5 to 1500 MHz)

    ## Features

    - Medium Output Level: +9 dBm (typical)
    - Wide Power Supply Range: +8 to +15 Volts

    ## Description

    - Discrete hybrid RF amplifier
    - Uses thin-film manufacturing processes
    - Single-stage bipolar transistor feedback amplifier
    - Available in TO-8, Surface Mount, and SMA Connectorized packages (connectorized version not RoHS compliant)

    ## Ordering Information

    Part Number Package
    A25 TO-8
    MAAM-008717-0SMA25 Surface Mount
    MAAM-008717-00CA25 SMA Connectorized

    ## Electrical Specifications (Typical @ 25°C)

    - Frequency Range: 1-1600 MHz (typical), 5-1500 MHz (guaranteed)
    - Small Signal Gain (min): 10.0 dB (25°C), 9.0 dB (0°C to 50°C), 8.0 dB (-54°C to +85°C)
    - Gain Flatness (max): ±0.3 dB (25°C), ±0.6 dB (0°C to 50°C), ±1.0 dB (-54°C to +85°C)
    - Reverse Isolation: 20 dB
    - Noise Figure (max): 6.0 dB (25°C), 7.5 dB (0°C to 50°C), 8.0 dB (-54°C to +85°C)
    - Power Output @ 1 dB Compression (min): 9.0 dBm (25°C), 7.0 dBm (0°C to 50°C), 6.5 dBm (-54°C to +85°C)
    - IP3: +21 dBm
    - IP2: +33 dBm
    - Second Order Harmonic IP: +38 dBm
    - VSWR (Input / Output): 1.5:1 / 1.5:1 (typical), 2.0:1 / 2.0:1 (guaranteed), 2.1:1 / 2.1:1 (-54°C to +85°C)
    - DC Current @ 15 Volts (max): 24 mA (25°C), 27 mA (0°C to 50°C), 29 mA (-54°C to +85°C)

    ## Absolute Maximum Ratings

    - Storage Temperature: -62°C to +125°C
    - Case Temperature: +125°C
    - DC Voltage: +17 V
    - Continuous Input Power: +13 dBm
    - Short Term Input Power: 50 mW
    - Peak Power: 0.5 W

    ## Thermal Data

    - Thermal Resistance (θjc): 45°C/W
    - Transistor Power Dissipation: 0.183 W
    - Junction Temperature Rise: +8°C

    ## Weights

    - TO-8: 1 gram (0.04 oz)
    - Surface Mount: 1 gram (0.04 oz)
    - SMA Connectorized: 19 grams (0.67 oz)

    # A25 / SMA25 Cascadable Amplifier (5 to 1500 MHz)

    ## Features

    - Medium Output Level: +9 dBm (typical)
    - Wide Power Supply Range: +8 to +15 Volts

    ## Description

    - Discrete hybrid RF amplifier
    - Uses thin-film manufacturing processes
    - Single-stage bipolar transistor feedback amplifier
    - Available in TO-8, Surface Mount, and SMA Connectorized packages (connectorized version not RoHS compliant)

    ## Ordering Information

    Part Number Package
    A25 TO-8
    MAAM-008717-0SMA25 Surface Mount
    MAAM-008717-00CA25 SMA Connectorized

    ## Electrical Specifications (Typical @ 25°C)

    - Frequency Range: 1-1600 MHz (typical), 5-1500 MHz (guaranteed)
    - Small Signal Gain (min): 10.0 dB (25°C), 9.0 dB (0°C to 50°C), 8.0 dB (-54°C to +85°C)
    - Gain Flatness (max): ±0.3 dB (25°C), ±0.6 dB (0°C to 50°C), ±1.0 dB (-54°C to +85°C)
    - Reverse Isolation: 20 dB
    - Noise Figure (max): 6.0 dB (25°C), 7.5 dB (0°C to 50°C), 8.0 dB (-54°C to +85°C)
    - Power Output @ 1 dB Compression (min): 9.0 dBm (25°C), 7.0 dBm (0°C to 50°C), 6.5 dBm (-54°C to +85°C)
    - IP3: +21 dBm
    - IP2: +33 dBm
    - Second Order Harmonic IP: +38 dBm
    - VSWR (Input / Output): 1.5:1 / 1.5:1 (typical), 2.0:1 / 2.0:1 (guaranteed), 2.1:1 / 2.1:1 (-54°C to +85°C)
    - DC Current @ 15 Volts (max): 24 mA (25°C), 27 mA (0°C to 50°C), 29 mA (-54°C to +85°C)

    ## Absolute Maximum Ratings

    - Storage Temperature: -62°C to +125°C
    - Case Temperature: +125°C
    - DC Voltage: +17 V
    - Continuous Input Power: +13 dBm
    - Short Term Input Power: 50 mW
    - Peak Power: 0.5 W

    ## Thermal Data

    - Thermal Resistance (θjc): 45°C/W
    - Transistor Power Dissipation: 0.183 W
    - Junction Temperature Rise: +8°C

    ## Weights

    - TO-8: 1 gram (0.04 oz)
    - Surface Mount: 1 gram (0.04 oz)
    - SMA Connectorized: 19 grams (0.67 oz)

    Part No.SMA25
    ManufacturerMA-COM
    Size611 Kbytes
    Pages3 pages
    DescriptionCascadable Amplifier 5 to 1500 MHz
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com