| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about NZ3225SD Datasheet
# Example questions:
➢ How does the standby function affect the output of the oscillator?
➢ What is the maximum allowable supply voltage for this crystal oscillator?
➢ What is the typical phase noise at a frequency of 60 mhz with a supply voltage of +5v to +3v at 100 khz offset?
# Crystal Clock Oscillator - NZ3225SD Low Phase Noise Type
## Key Features
· Application: High-quality audio, smartphones, tablets, wireless modules, notebooks, and DSC devices.
· Low Phase Noise: Optimized for high-quality audio applications.
· Compact Size: 3.2 x 5 x 0.9 mm, weight: 0.02 g.
· Frequency Range: 1.5 to 80 MHz.
· Mounting: Compatible with taping and IR reflow (lead-free) mounting.
· Lead-free Design: Compliant with environmental standards.
## Absolute Maximum Ratings
· Supply Voltage (VCC): -0.6 to +6.0 V
· Storage Temperature Range: -55 to +125 °C
## Specifications
Output Level
· CMOS
Nominal Frequency Range
· 1.5 to 80 MHz
Overall Frequency Tolerance
· ±50, ±30, or ±20 × 10⁻⁶
Operating Temperature Range
· -40 to +85 °C, -10 to +70 °C, or -10 to +60 °C
Supply Voltage
· +1.8 to +3.3 V
Current Consumption
· Operation (at +25 °C): 1.8 to 8.5 mA
· Standby (at +25 °C): 10 μA
Standby Function
· Available (Three-state)
Other Electrical Characteristics
· VOL Max. / VOH Min.: 0.1 VCC / 0.9 VCC
· Tr Max. / Tf Max.: 6 / 6 ns
· Symmetry Min. to Max.: 45 to 55 %
· Load (CL) Max.: 15 pF
· Start-up Time Max.: 4 ms
## Typical Characteristics (at +1.8V, +25°C)
· Fout±1 kHz (Typ.): -147 to -136 dBc/Hz (depending on frequency)
· Fout±100 kHz (Typ.): -156 to -150 dBc/Hz (depending on frequency)
## Ordering Information
· Specify model name, frequency, and specification number when ordering. Refer to NSC5032A/B/C/D, NSC5034A/B/C/D, or NSC5035A/B/C/D series for specification numbers.
# Crystal Clock Oscillator - NZ3225SD Low Phase Noise Type
## Key Features
· Application: High-quality audio, smartphones, tablets, wireless modules, notebooks, and DSC devices.
· Low Phase Noise: Optimized for high-quality audio applications.
· Compact Size: 3.2 x 5 x 0.9 mm, weight: 0.02 g.
· Frequency Range: 1.5 to 80 MHz.
· Mounting: Compatible with taping and IR reflow (lead-free) mounting.
· Lead-free Design: Compliant with environmental standards.
## Absolute Maximum Ratings
· Supply Voltage (VCC): -0.6 to +6.0 V
· Storage Temperature Range: -55 to +125 °C
## Specifications
Output Level
· CMOS
Nominal Frequency Range
· 1.5 to 80 MHz
Overall Frequency Tolerance
· ±50, ±30, or ±20 × 10⁻⁶
Operating Temperature Range
· -40 to +85 °C, -10 to +70 °C, or -10 to +60 °C
Supply Voltage
· +1.8 to +3.3 V
Current Consumption
· Operation (at +25 °C): 1.8 to 8.5 mA
· Standby (at +25 °C): 10 μA
Standby Function
· Available (Three-state)
Other Electrical Characteristics
· VOL Max. / VOH Min.: 0.1 VCC / 0.9 VCC
· Tr Max. / Tf Max.: 6 / 6 ns
· Symmetry Min. to Max.: 45 to 55 %
· Load (CL) Max.: 15 pF
· Start-up Time Max.: 4 ms
## Typical Characteristics (at +1.8V, +25°C)
· Fout±1 kHz (Typ.): -147 to -136 dBc/Hz (depending on frequency)
· Fout±100 kHz (Typ.): -156 to -150 dBc/Hz (depending on frequency)
## Ordering Information
· Specify model name, frequency, and specification number when ordering. Refer to NSC5032A/B/C/D, NSC5034A/B/C/D, or NSC5035A/B/C/D series for specification numbers.
| Part No. | NZ3225SD |
| Manufacturer | NDK |
| Size | 733 Kbytes |
| Pages | 1 page |
| Description | Crystal Clock Oscillator |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |