Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASPI-0410FS-6R8 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ASPI-0410FS-6R8 Datasheet

  • # Example questions: ➢ What is the recommended storage temperature range for the inductor when it is still on the tape and reel?
    ➢ What is the maximum operating temperature for this power inductor?
    ➢ What is the maximum rated dc current for the aspi-0410fs-6r8 model?

  • Part No.ASPI-0410FS-6R8
    ManufacturerABRACON
    Size1Mb
    Pages3 pages
    DescriptionLOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
    Datasheet Summary with AI

    # ASPI-0410FS Series - Low Profile Shielded SMD Chip Power Inductor

    ## FEATURES & APPLICATIONS

    ️· Features:
    - Small size and low profile (1.0mm)
    - Small DCR and high rated current
    - High reliability to mechanical stress
    - Magnetically shielded
    - Suitable for RoHS reflow profile
    ️· Applications:
    - Mobile phones
    - MP3 players and portable communication equipment
    - Digital cameras

    ## ELECTRICAL SPECIFICATIONS

    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: +22°C to +28°C, 80% RH max.

    Part Number Inductance (μH) Tolerance DCR (mΩ) Rated DC Current (A)
    ASPI-0410FS-1R0 1.0 N 100 1.80
    ASPI-0410FS-2R2 2.2 N 150 1.15
    ASPI-0410FS-3R3 3.3 M 180 1.10
    ASPI-0410FS-4R7 4.7 M 210 0.90
    ASPI-0410FS-6R8 6.8 M 300 0.74
    ASPI-0410FS-100 10 M 380 0.56
    ASPI-0410FS-150 15 M 510 0.47
    ASPI-0410FS-220 22 M 870 0.36
    ASPI-0410FS-330 33 M 1540 0.28
    ASPI-0410FS-470 47 M 1810 0.24

    ️· Test Conditions:
    - Rated DC Current: Inductance 30% lower than initial value
    - L: HP4284A LCR meter, 100KHz, 0.25Vrms
    - DCR: milli-ohm meter

    ## DIMENSIONS & PACKAGING

    ️· Outline Dimension: 4.0 x 4.0 x 1.0mm
    ️· T35 Tape & Reel: 3,500pcs / reel

    ## IMPORTANT NOTES

    ️· "N" Inductors: 1.0 and 2.2µH
    ️· "M" Inductors: 3.3 - 47µH
    ️· COTS Product: Suitable for commercial, industrial, and automotive applications. Not for military, aerospace, or life-critical applications.

    # ASPI-0410FS Series - Low Profile Shielded SMD Chip Power Inductor

    ## FEATURES & APPLICATIONS

    ️· Features:
    - Small size and low profile (1.0mm)
    - Small DCR and high rated current
    - High reliability to mechanical stress
    - Magnetically shielded
    - Suitable for RoHS reflow profile
    ️· Applications:
    - Mobile phones
    - MP3 players and portable communication equipment
    - Digital cameras

    ## ELECTRICAL SPECIFICATIONS

    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: +22°C to +28°C, 80% RH max.

    Part Number Inductance (μH) Tolerance DCR (mΩ) Rated DC Current (A)
    ASPI-0410FS-1R0 1.0 N 100 1.80
    ASPI-0410FS-2R2 2.2 N 150 1.15
    ASPI-0410FS-3R3 3.3 M 180 1.10
    ASPI-0410FS-4R7 4.7 M 210 0.90
    ASPI-0410FS-6R8 6.8 M 300 0.74
    ASPI-0410FS-100 10 M 380 0.56
    ASPI-0410FS-150 15 M 510 0.47
    ASPI-0410FS-220 22 M 870 0.36
    ASPI-0410FS-330 33 M 1540 0.28
    ASPI-0410FS-470 47 M 1810 0.24

    ️· Test Conditions:
    - Rated DC Current: Inductance 30% lower than initial value
    - L: HP4284A LCR meter, 100KHz, 0.25Vrms
    - DCR: milli-ohm meter

    ## DIMENSIONS & PACKAGING

    ️· Outline Dimension: 4.0 x 4.0 x 1.0mm
    ️· T35 Tape & Reel: 3,500pcs / reel

    ## IMPORTANT NOTES

    ️· "N" Inductors: 1.0 and 2.2µH
    ️· "M" Inductors: 3.3 - 47µH
    ️· COTS Product: Suitable for commercial, industrial, and automotive applications. Not for military, aerospace, or life-critical applications.

    Part No.ASPI-0410FS-6R8
    ManufacturerABRACON
    Size1Mb
    Pages3 pages
    DescriptionLOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com