| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ASPI-0410FS-100 Datasheet
# Example questions:
➢ What is the recommended storage temperature range for the inductor when it is still on the tape and reel?
➢ What is the maximum operating temperature for this power inductor?
➢ What is the maximum rated dc current for the aspi-0410fs-6r8 model?
# ASPI-0410FS Series - Low Profile Shielded SMD Chip Power Inductor
## FEATURES & APPLICATIONS
️· Features:
- Small size and low profile (1.0mm)
- Small DCR and high rated current
- High reliability to mechanical stress
- Magnetically shielded
- Suitable for RoHS reflow profile
️· Applications:
- Mobile phones
- MP3 players and portable communication equipment
- Digital cameras
## ELECTRICAL SPECIFICATIONS
️· Operating Temperature: -40°C to +85°C
️· Storage Temperature: +22°C to +28°C, 80% RH max.
| Part Number | Inductance (μH) | Tolerance | DCR (mΩ) | Rated DC Current (A) |
|---|---|---|---|---|
| ASPI-0410FS-1R0 | 1.0 | N | 100 | 1.80 |
| ASPI-0410FS-2R2 | 2.2 | N | 150 | 1.15 |
| ASPI-0410FS-3R3 | 3.3 | M | 180 | 1.10 |
| ASPI-0410FS-4R7 | 4.7 | M | 210 | 0.90 |
| ASPI-0410FS-6R8 | 6.8 | M | 300 | 0.74 |
| ASPI-0410FS-100 | 10 | M | 380 | 0.56 |
| ASPI-0410FS-150 | 15 | M | 510 | 0.47 |
| ASPI-0410FS-220 | 22 | M | 870 | 0.36 |
| ASPI-0410FS-330 | 33 | M | 1540 | 0.28 |
| ASPI-0410FS-470 | 47 | M | 1810 | 0.24 |
# ASPI-0410FS Series - Low Profile Shielded SMD Chip Power Inductor
## FEATURES & APPLICATIONS
️· Features:
- Small size and low profile (1.0mm)
- Small DCR and high rated current
- High reliability to mechanical stress
- Magnetically shielded
- Suitable for RoHS reflow profile
️· Applications:
- Mobile phones
- MP3 players and portable communication equipment
- Digital cameras
## ELECTRICAL SPECIFICATIONS
️· Operating Temperature: -40°C to +85°C
️· Storage Temperature: +22°C to +28°C, 80% RH max.
| Part Number | Inductance (μH) | Tolerance | DCR (mΩ) | Rated DC Current (A) |
|---|---|---|---|---|
| ASPI-0410FS-1R0 | 1.0 | N | 100 | 1.80 |
| ASPI-0410FS-2R2 | 2.2 | N | 150 | 1.15 |
| ASPI-0410FS-3R3 | 3.3 | M | 180 | 1.10 |
| ASPI-0410FS-4R7 | 4.7 | M | 210 | 0.90 |
| ASPI-0410FS-6R8 | 6.8 | M | 300 | 0.74 |
| ASPI-0410FS-100 | 10 | M | 380 | 0.56 |
| ASPI-0410FS-150 | 15 | M | 510 | 0.47 |
| ASPI-0410FS-220 | 22 | M | 870 | 0.36 |
| ASPI-0410FS-330 | 33 | M | 1540 | 0.28 |
| ASPI-0410FS-470 | 47 | M | 1810 | 0.24 |
| Part No. | ASPI-0410FS-100 |
| Manufacturer | ABRACON |
| Size | 1Mb |
| Pages | 3 pages |
| Description | LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |