Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

206211LPSTN Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 206211LPSTN Datasheet

  • # Example questions: ➢ What is the maximum voltage and current rating for nonswitching applications of the series 206ra and 208ra dip switches?
    ➢ Besides anti-static tube packaging, are there any other specified packaging requirements or considerations for handling these dip switches to prevent damage?
    ➢ What is the difference in expected actuation life between the series 206ra and series 208ra switches, and what operating conditions define these lifecycles?

  • Part No.206211LPSTN
    ManufacturerCTS
    Size426 Kbytes
    Pages2 pages
    DescriptionRight Angle Panel DIP Switch
    Datasheet Summary with AI

    # Right Angle Panel DIP Switches

    ## Features

    Mechanical Features

    · Designed for panel applications, saving cost of right angle sockets.
    · Multiple circuit configurations available.
    · 2.54mm (.100") x 2.54mm (.100") centers, using minimum PCB real estate.
    · Sealed version optional for contaminant-free operation.
    · Available with low profile, standard, or extended actuators.

    Contact System

    · Contact wiping action on make and break.
    · Integral terminal and contact locked into high temperature plastics.
    · Electrostatic discharge shield rated to 22 KV.

    Materials

    · Series 206RA: Gold-plated contacts for corrosion resistance.
    · Series 208RA: Tin-plated contacts.
    · UL 94V-0 plastics.
    · RoHS compliant.

    ## Series 206RA/ 208RA Data Sheet

    Right Angle Panel DIP Switch

    Series 206RA – Premium Gold Plated Contacts
    Series 208RA – Economical Tin Plated Contacts

    #### Switch Function
    · SPST: 2 through 10 and 12 positions
    · SPDT&DPST: 1 through 6 positions
    · 3PST: 1 through 4 positions

    #### Electrical and Mechanical Specifications

    · Switch Contact Resistance:
    - 206RA: 50 milliohms (Initial), 100 milliohms (End of Life)
    - 208RA: 100 milliohms (Initial), 500 milliohms (End of Life)
    · Insulation Resistance: 1,000 megohms minimum.
    · Dielectric Strength: 500 VAC for 1 minute.
    · Nonswitching Rating: 100 mA or 50 VDC maximum.
    · Switch Capacitance: 5.0 pF maximum.
    · Operating Temperature: –55°C to +85°C
    · Actuation Life:
    - 206RA: 10,000 cycles @ 50 mA @ 24 VDC
    - 208RA: 2,000 cycles @ 50 mA @ 24 VDC
    · Allowable Solder Time: Up to 5 seconds at 260°C.
    · Vibration: Per MIL-STD-202F, method 204D, condition B.
    · Shock: Per MIL-STD-202F, method 213B, condition A.
    · Sealing: Bottom epoxy seal optional, Top tape seal optional.
    · Marking: Special side or top marking available (consult CTS).

    #### Packaging
    · Standard: Anti-Static tube packaging.

    #### Ordering Information

    · Standard: LP (Low Profile)
    · Standard: S (Standard)
    · Standard: T (Tape)
    · Standard: N (Not specified)

    #### Ordering information reference table
    See attached table for specifications.

    # Right Angle Panel DIP Switches

    ## Features

    Mechanical Features

    · Designed for panel applications, saving cost of right angle sockets.
    · Multiple circuit configurations available.
    · 2.54mm (.100") x 2.54mm (.100") centers, using minimum PCB real estate.
    · Sealed version optional for contaminant-free operation.
    · Available with low profile, standard, or extended actuators.

    Contact System

    · Contact wiping action on make and break.
    · Integral terminal and contact locked into high temperature plastics.
    · Electrostatic discharge shield rated to 22 KV.

    Materials

    · Series 206RA: Gold-plated contacts for corrosion resistance.
    · Series 208RA: Tin-plated contacts.
    · UL 94V-0 plastics.
    · RoHS compliant.

    ## Series 206RA/ 208RA Data Sheet

    Right Angle Panel DIP Switch

    Series 206RA – Premium Gold Plated Contacts
    Series 208RA – Economical Tin Plated Contacts

    #### Switch Function
    · SPST: 2 through 10 and 12 positions
    · SPDT&DPST: 1 through 6 positions
    · 3PST: 1 through 4 positions

    #### Electrical and Mechanical Specifications

    · Switch Contact Resistance:
    - 206RA: 50 milliohms (Initial), 100 milliohms (End of Life)
    - 208RA: 100 milliohms (Initial), 500 milliohms (End of Life)
    · Insulation Resistance: 1,000 megohms minimum.
    · Dielectric Strength: 500 VAC for 1 minute.
    · Nonswitching Rating: 100 mA or 50 VDC maximum.
    · Switch Capacitance: 5.0 pF maximum.
    · Operating Temperature: –55°C to +85°C
    · Actuation Life:
    - 206RA: 10,000 cycles @ 50 mA @ 24 VDC
    - 208RA: 2,000 cycles @ 50 mA @ 24 VDC
    · Allowable Solder Time: Up to 5 seconds at 260°C.
    · Vibration: Per MIL-STD-202F, method 204D, condition B.
    · Shock: Per MIL-STD-202F, method 213B, condition A.
    · Sealing: Bottom epoxy seal optional, Top tape seal optional.
    · Marking: Special side or top marking available (consult CTS).

    #### Packaging
    · Standard: Anti-Static tube packaging.

    #### Ordering Information

    · Standard: LP (Low Profile)
    · Standard: S (Standard)
    · Standard: T (Tape)
    · Standard: N (Not specified)

    #### Ordering information reference table
    See attached table for specifications.

    Part No.206211LPSTN
    ManufacturerCTS
    Size426 Kbytes
    Pages2 pages
    DescriptionRight Angle Panel DIP Switch
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com