Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SD882S-E-AB3-B Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SD882S-E-AB3-B Datasheet

  • # Example questions: ➢ What is the value of the current gain bandwidth product (ft) when vce = 5v and ic = 0.1a?
    ➢ What is the typical collector-emitter saturation voltage (vce(sat)) when the collector current (ic) is 2a and the base current (ib) is 0.2a?
    ➢ What is the range of hfe2 for a device with a 'p' rank?

  • Part No.2SD882S-E-AB3-B
    ManufacturerUTC
    Size75 Kbytes
    Pages4 pages
    DescriptionMEDIUM POWER LOW VOLTAGE TRANSISTOR
    Datasheet Summary with AI

    # 2SD882S NPN SILICON TRANSISTOR

    ## Features
    · High current output up to 3A
    · Low saturation voltage
    · Complement to 2SB772S

    ## Applications
    · Audio power amplifier
    · DC-DC convertor
    · Voltage regulator

    ## Ordering Information
    · Packages: SOT-223, SOT-89, TO-92
    · Lead Plating: Available with Lead (Pb) and Lead-Free (L) options.
    · Packing: Tape Reel, Tape Box, Bulk
    · Rank: Q (100-200 hFE2), P (160-320 hFE2), E (200-400 hFE2)

    ## Absolute Maximum Ratings
    · Collector-Base Voltage (VCBO): 40V
    · Collector-Emitter Voltage (VCEO): 30V
    · Emitter-Base Voltage (VEBO): 5V
    · Collector Current (IC): 3A (Pulse: 7A)
    · Base Current (IB): 0.6A
    · Power Dissipation (PD): 0.5W (TO-92, SOT-89), 1W (SOT-223)
    · Junction Temperature (TJ): +150°C
    · Storage Temperature (TSTG): -55°C to +150°C

    ## Electrical Characteristics (Ta=25°C)
    · BV CBO: 40V
    · BV CEO: 30V
    · BV EBO: 5V
    · ICBO: 1000nA
    · IEBO: 1000nA
    · hFE1 (IC=20mA): 30-200
    · hFE2 (IC=1A): 100-400
    · VCE(SAT) (IC=2A, IB=0.2A): 0.3-0.5V
    · VBE(SAT) (IC=2A, IB=0.2A): 1.0-2.0V
    · fT (VCE=5V, IC=0.1A): 80 MHz
    · Cob (VCB=10V, IE=0, f=1MHz): 45 pF

    # 2SD882S NPN SILICON TRANSISTOR

    ## Features
    · High current output up to 3A
    · Low saturation voltage
    · Complement to 2SB772S

    ## Applications
    · Audio power amplifier
    · DC-DC convertor
    · Voltage regulator

    ## Ordering Information
    · Packages: SOT-223, SOT-89, TO-92
    · Lead Plating: Available with Lead (Pb) and Lead-Free (L) options.
    · Packing: Tape Reel, Tape Box, Bulk
    · Rank: Q (100-200 hFE2), P (160-320 hFE2), E (200-400 hFE2)

    ## Absolute Maximum Ratings
    · Collector-Base Voltage (VCBO): 40V
    · Collector-Emitter Voltage (VCEO): 30V
    · Emitter-Base Voltage (VEBO): 5V
    · Collector Current (IC): 3A (Pulse: 7A)
    · Base Current (IB): 0.6A
    · Power Dissipation (PD): 0.5W (TO-92, SOT-89), 1W (SOT-223)
    · Junction Temperature (TJ): +150°C
    · Storage Temperature (TSTG): -55°C to +150°C

    ## Electrical Characteristics (Ta=25°C)
    · BV CBO: 40V
    · BV CEO: 30V
    · BV EBO: 5V
    · ICBO: 1000nA
    · IEBO: 1000nA
    · hFE1 (IC=20mA): 30-200
    · hFE2 (IC=1A): 100-400
    · VCE(SAT) (IC=2A, IB=0.2A): 0.3-0.5V
    · VBE(SAT) (IC=2A, IB=0.2A): 1.0-2.0V
    · fT (VCE=5V, IC=0.1A): 80 MHz
    · Cob (VCB=10V, IE=0, f=1MHz): 45 pF

    Part No.2SD882S-E-AB3-B
    ManufacturerUTC
    Size75 Kbytes
    Pages4 pages
    DescriptionMEDIUM POWER LOW VOLTAGE TRANSISTOR