| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LPW-15 Datasheet
# Example questions:
➢ What does a tolerance of 'f' indicate?
➢ What information does the text provide regarding potential changes to product specifications?
➢ What is the resistance range for the lpw-7 resistor?
# Extremely Low Resistance Power Wirewounds - LPW Series
## Electrical Data
️· Power Ratings: 3W, 5W, 7W, 10W, 15W
️· Resistance Range: 0.005Ω to 0.15Ω (depending on wattage)
️· Tolerance: ±1%, ±2%, ±3%, ±5%, ±10%
## Dimensions (Inches (mm))
| Type | L (±0.063) | W | H | D (Diameter ±0.002) | E |
| :----- | :---------- | :------ | :------ | :-------------------- | :------ |
| LPW-3 | 0.88 (22.4) | 0.31 (7.87) | 0.31 (7.87) | 0.040 (1.02) | 0.38 (9.65) |
| LPW-5 | 0.88 (22.4) | 0.38 (9.65) | 0.35 (8.89) | 0.040 (1.02) | 0.41 (10.4) |
| LPW-7 | 1.39 (35.3) | 0.38 (9.65) | 0.35 (8.89) | 0.040 (1.02) | 0.47 (11.9) |
| LPW-10 | 1.88 (47.8) | 0.38 (9.65) | 0.35 (8.89) | 0.040 (1.02) | 0.47 (11.9) |
| LPW-15 | 1.88 (47.8) | 0.50 (12.7) | 0.50 (12.7) | 0.040 (1.02) | 0.63 (16.0) |
## Ordering Data
️· Format: LPW - [Wattage] - [Resistance Value] - [Tolerance]
️· Wattage Options: 5, 7, 10, 15
️· Tolerance Codes: F (±1%), G (±2%), H (±3%), J (±5%), K (±10%)
## General Notes
️· TT electronics reserves the right to change specifications without notice.
️· Information is based on TT electronics’ data and accurate at the time of printing.
️· Website: www.bitechnologies.com, www.irctt.com, www.welwyn-tt.com
# Extremely Low Resistance Power Wirewounds - LPW Series
## Electrical Data
️· Power Ratings: 3W, 5W, 7W, 10W, 15W
️· Resistance Range: 0.005Ω to 0.15Ω (depending on wattage)
️· Tolerance: ±1%, ±2%, ±3%, ±5%, ±10%
## Dimensions (Inches (mm))
| Type | L (±0.063) | W | H | D (Diameter ±0.002) | E |
|---|---|---|---|---|---|
| LPW-3 | 0.88 (22.4) | 0.31 (7.87) | 0.31 (7.87) | 0.040 (1.02) | 0.38 (9.65) |
| LPW-5 | 0.88 (22.4) | 0.38 (9.65) | 0.35 (8.89) | 0.040 (1.02) | 0.41 (10.4) |
| LPW-7 | 1.39 (35.3) | 0.38 (9.65) | 0.35 (8.89) | 0.040 (1.02) | 0.47 (11.9) |
| LPW-10 | 1.88 (47.8) | 0.38 (9.65) | 0.35 (8.89) | 0.040 (1.02) | 0.47 (11.9) |
| LPW-15 | 1.88 (47.8) | 0.50 (12.7) | 0.50 (12.7) | 0.040 (1.02) | 0.63 (16.0) |
| Part No. | LPW-15 |
| Manufacturer | TTELEC |
| Size | 155 Kbytes |
| Pages | 2 pages |
| Description | 3 watts to 15 watts |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |