| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AP.25F.07.0078A Datasheet
# Example questions:
➢ What is the minimum and maximum input voltage supported by the ap.25f module?
➢ How does the front-end saw filter help mitigate interference in this module?
➢ What is the typical gain provided by the ap.25f module at a 3v input voltage?
# AP.25F 25mm Two Stage GPS Active Patch Antenna Module
## Specifications
️· Part Number: AP.25F.07.0078A
️· Frequency: 1575.42 ± 1.023MHz
️· Antenna Size: 25mm x 25mm x 8mm
️· Connector: IPEX MHFI (U.FL)
️· Cable Length: 80 ± 2.0mm (Ø1.13 ± 0.1mm)
️· Gain (at 3V): 30 ± 3dBi
️· Polarization: RHCP
️· Output Impedance: 50Ω
️· VSWR: Max 2.0
️· Operating Temperature: -40°C to +85°C
️· Input Voltage: 1.8V - 5.5V
## Features
️· Industry leading GPS antenna performance
️· Two-stage LNA with 28dB gain
️· Front-end SAW filter for GSM interference rejection
️· Low power consumption
️· RoHS Compliant
## LNA Performance
️· Gain (Typ):
- 1.8V: 23dB
- 3.0V: 28dB
- 5.5V: 30dB
️· Power Consumption (Typ):
- 1.8V: 3-10mA
- 3.0V: 8-20mA
- 5.5V: 30-40mA
️· Noise Figure (Typ):
- 1.8V: 2.7dB
- 3.0V: 3.0dB
- 5.5V: 3.7dB
## Out-of-Band Rejection
️· Attenuation:
- @1575.42MHz ±30MHz: 5dB min
- @1575.42MHz ±50MHz: 20dB min
- @1575.42MHz ±100MHz: 25dB min
# AP.25F 25mm Two Stage GPS Active Patch Antenna Module
## Specifications
️· Part Number: AP.25F.07.0078A
️· Frequency: 1575.42 ± 1.023MHz
️· Antenna Size: 25mm x 25mm x 8mm
️· Connector: IPEX MHFI (U.FL)
️· Cable Length: 80 ± 2.0mm (Ø1.13 ± 0.1mm)
️· Gain (at 3V): 30 ± 3dBi
️· Polarization: RHCP
️· Output Impedance: 50Ω
️· VSWR: Max 2.0
️· Operating Temperature: -40°C to +85°C
️· Input Voltage: 1.8V - 5.5V
## Features
️· Industry leading GPS antenna performance
️· Two-stage LNA with 28dB gain
️· Front-end SAW filter for GSM interference rejection
️· Low power consumption
️· RoHS Compliant
## LNA Performance
️· Gain (Typ):
- 1.8V: 23dB
- 3.0V: 28dB
- 5.5V: 30dB
️· Power Consumption (Typ):
- 1.8V: 3-10mA
- 3.0V: 8-20mA
- 5.5V: 30-40mA
️· Noise Figure (Typ):
- 1.8V: 2.7dB
- 3.0V: 3.0dB
- 5.5V: 3.7dB
## Out-of-Band Rejection
️· Attenuation:
- @1575.42MHz ±30MHz: 5dB min
- @1575.42MHz ±50MHz: 20dB min
- @1575.42MHz ±100MHz: 25dB min
| Part No. | AP.25F.07.0078A |
| Manufacturer | TAOGLAS |
| Size | 632 Kbytes |
| Pages | 10 pages |
| Description | Low Power Consumption |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |