| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about XLMDKVG59MCA Datasheet
# Example questions:
➢ What is the recommended relative humidity range for handling this component in an esd-protected work area?
➢ If specific sorting based on forward voltage is required, what is the typical accuracy provided by the manufacturer?
➢ What is the maximum forward current allowed for the red and green leds in the xlmdkvg59mca?
# XLMDKVG59MCA Bi-Color Indicator Lamp
## Features
· Radial / Through hole package
· Reliable & robust
· Low power consumption
· Available on tape and reel
· RoHS Compliant
## Absolute Maximum Ratings (TA=25°C)
| Parameter | Red (AlGaInP) | Green (AlGaInP) | Unit |
|---|---|---|---|
| Reverse Voltage | 5 | 5 | V |
| Forward Current | 30 | 30 | mA |
| Forward Current (Peak) (1/10 Duty Cycle, 0.1ms Pulse Width) | 185 | 150 | mA |
| Power Dissipation | 75 | 75 | mW |
| Operating Temperature | -40 ~ +85 | -40 ~ +85 | °C |
| Storage Temperature | -40 ~ +85 | -40 ~ +85 | °C |
| Lead Solder Temperature [2mm Below Package Base] | 260°C for 3 seconds | 260°C for 3 seconds | |
| Lead Solder Temperature [5mm Below Package Base] | 260°C for 5 seconds | 260°C for 5 seconds |
| Parameter | Red (AlGaInP) | Green (AlGaInP) | Unit |
|---|---|---|---|
| Forward Voltage (IF=20mA) | 1.95 | 2.1 | V |
| Forward Voltage (Max, IF=20mA) | 2.5 | 2.5 | V |
| Reverse Current (Max, VR=5V) | 10 | 10 | uA |
| Peak Emission Wavelength (IF=20mA) | 645* nm | 574* nm | |
| Dominant Emission Wavelength (IF=20mA) | 630* nm | 570* nm | |
| Spectral Line Full Width at Half-Maximum (IF=20mA) | 28 nm | 20 nm | |
| Capacitance (VF=0V, f=1MHz) | 35 pF | 15 pF |
# XLMDKVG59MCA Bi-Color Indicator Lamp
## Features
· Radial / Through hole package
· Reliable & robust
· Low power consumption
· Available on tape and reel
· RoHS Compliant
## Absolute Maximum Ratings (TA=25°C)
| Parameter | Red (AlGaInP) | Green (AlGaInP) | Unit |
|---|---|---|---|
| Reverse Voltage | 5 | 5 | V |
| Forward Current | 30 | 30 | mA |
| Forward Current (Peak) (1/10 Duty Cycle, 0.1ms Pulse Width) | 185 | 150 | mA |
| Power Dissipation | 75 | 75 | mW |
| Operating Temperature | -40 ~ +85 | -40 ~ +85 | °C |
| Storage Temperature | -40 ~ +85 | -40 ~ +85 | °C |
| Lead Solder Temperature [2mm Below Package Base] | 260°C for 3 seconds | 260°C for 3 seconds | |
| Lead Solder Temperature [5mm Below Package Base] | 260°C for 5 seconds | 260°C for 5 seconds |
| Parameter | Red (AlGaInP) | Green (AlGaInP) | Unit |
|---|---|---|---|
| Forward Voltage (IF=20mA) | 1.95 | 2.1 | V |
| Forward Voltage (Max, IF=20mA) | 2.5 | 2.5 | V |
| Reverse Current (Max, VR=5V) | 10 | 10 | uA |
| Peak Emission Wavelength (IF=20mA) | 645* nm | 574* nm | |
| Dominant Emission Wavelength (IF=20mA) | 630* nm | 570* nm | |
| Spectral Line Full Width at Half-Maximum (IF=20mA) | 28 nm | 20 nm | |
| Capacitance (VF=0V, f=1MHz) | 35 pF | 15 pF |
| Part No. | XLMDKVG59MCA |
| Manufacturer | SUNLED |
| Size | 242 Kbytes |
| Pages | 3 pages |
| Description | Low power consumption |