| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about XLMR01DE Datasheet
# Example questions:
➢ What is the maximum allowable forward current for the xlmr01de lamp?
➢ Within what temperature range can the xlmr01de lamp be safely operated?
➢ What is the typical peak wavelength (λp) emitted by the red xlmr01de lamp?
# XLMR01DE 10mm Solid State Lamp
## Features
️· Radial/Through hole package
️· Reliable & robust
️· Low power consumption
️· Available on tape and reel
️· RoHS Compliant
## Absolute Maximum Ratings (TA=25°C)
️· Reverse Voltage (VR): 5V
️· Forward Current (IF): 30mA
️· Forward Current (Peak) (iFS): 155mA (1/10 Duty Cycle, 0.1ms Pulse Width)
️· Power Dissipation (PD): 75mW
️· Operating Temperature (TA): -40 ~ +85°C
️· Storage Temperature (Tstg): -40 ~ +85°C
️· Lead Solder Temperature (2mm below package): 260°C for 3 seconds
️· Lead Solder Temperature (5mm below package): 260°C for 5 seconds
## Electrical & Optical Characteristics (TA=25°C)
️· Forward Voltage (VF): 1.85V (Typ.), 2.5V (Max.) (IF=20mA)
️· Reverse Current (IR): 10uA (VR=5V)
️· Peak Emission Wavelength (λP): 655nm (Typ.)
️· Dominant Emission Wavelength (λD): 640nm (Typ.)
️· Spectral Line Full Width at Half Maximum (△λ): 20nm (Typ.)
️· Capacitance (C): 45pF (VF=0V, f=1MHz)
## Operating Characteristics
️· Part Number: XLMR01DE
️· Emitting Color: Red
️· Emitting Material: GaAlAs
️· Lens-color: Red Diffused
️· Luminous Intensity: (IF=20mA) - Value not specified, refer to datasheet.
️· Viewing Angle: 2θ1/2 = 30°
## Sorting Accuracy (If required)
1. Wavelength: +/- 1nm
2. Luminous Intensity/Flux: +/- 15%
3. Forward Voltage: +/- 0.1V
## Terms of Use
️· Data is statistical reference only.
️· Specifications subject to change without notice.
️· Product should be operated within datasheet specifications.
️· Intended for general electronic applications (not life-dependent).
️· Unauthorized alteration of content prohibited.
️· Additional technical notes: http://www.SunLEDusa.com/TechnicalNotes.asp
# XLMR01DE 10mm Solid State Lamp
## Features
️· Radial/Through hole package
️· Reliable & robust
️· Low power consumption
️· Available on tape and reel
️· RoHS Compliant
## Absolute Maximum Ratings (TA=25°C)
️· Reverse Voltage (VR): 5V
️· Forward Current (IF): 30mA
️· Forward Current (Peak) (iFS): 155mA (1/10 Duty Cycle, 0.1ms Pulse Width)
️· Power Dissipation (PD): 75mW
️· Operating Temperature (TA): -40 ~ +85°C
️· Storage Temperature (Tstg): -40 ~ +85°C
️· Lead Solder Temperature (2mm below package): 260°C for 3 seconds
️· Lead Solder Temperature (5mm below package): 260°C for 5 seconds
## Electrical & Optical Characteristics (TA=25°C)
️· Forward Voltage (VF): 1.85V (Typ.), 2.5V (Max.) (IF=20mA)
️· Reverse Current (IR): 10uA (VR=5V)
️· Peak Emission Wavelength (λP): 655nm (Typ.)
️· Dominant Emission Wavelength (λD): 640nm (Typ.)
️· Spectral Line Full Width at Half Maximum (△λ): 20nm (Typ.)
️· Capacitance (C): 45pF (VF=0V, f=1MHz)
## Operating Characteristics
️· Part Number: XLMR01DE
️· Emitting Color: Red
️· Emitting Material: GaAlAs
️· Lens-color: Red Diffused
️· Luminous Intensity: (IF=20mA) - Value not specified, refer to datasheet.
️· Viewing Angle: 2θ1/2 = 30°
## Sorting Accuracy (If required)
1. Wavelength: +/- 1nm
2. Luminous Intensity/Flux: +/- 15%
3. Forward Voltage: +/- 0.1V
## Terms of Use
️· Data is statistical reference only.
️· Specifications subject to change without notice.
️· Product should be operated within datasheet specifications.
️· Intended for general electronic applications (not life-dependent).
️· Unauthorized alteration of content prohibited.
️· Additional technical notes: http://www.SunLEDusa.com/TechnicalNotes.asp
| Part No. | XLMR01DE |
| Manufacturer | SUNLED |
| Size | 227 Kbytes |
| Pages | 3 pages |
| Description | Low power consumption |