Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZSD2500A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ZSD2500A Datasheet

  • # Example questions: ➢ What is the maximum supply voltage and current draw for the zsd encoder?
    ➢ How does the open collector output wiring affect the external voltage requirements for the encoder's signal?
    ➢ What is the significance of the 'ppr' value listed in the ordering information, and how does it relate to the encoder's functionality?

  • Part No.ZSD2500A
    ManufacturerREDLION
    Size79 Kbytes
    Pages1 page
    DescriptionMODEL ZSD - 0.25 SHAFT STANDARD SERVO MOUNT ROTARY PULSE GENERATOR
    Datasheet Summary with AI

    # MODEL ZSD - 0.25" SHAFT ROTARY PULSE GENERATOR

    ## GENERAL DESCRIPTION
    ️· Miniature, high-precision, low-cost encoder with all-metal construction.
    ️· NPN Open Collector outputs (20mA max current).
    ️· Standard quadrature with index output.
    ️· Resolutions up to 2500 PPR.
    ️· 90° electrical quadrature separation.
    ️· Output A leads output B for clockwise rotation.

    ## ELECTRICAL SPECIFICATIONS
    ️· Supply Voltage: 4.75 to 28 VDC, 100 mA max.
    ️· Outputs: NPN Open Collector (VOH = 30 VDC max, 20 mA max).
    ️· Max Frequency: 200 KHz
    ️· Index: NPN Open Collector, positive going pulse centered over Channel A.
    ️· Noise Immunity: Tested to multiple EN standards (see datasheet).

    ## MECHANICAL SPECIFICATIONS
    ️· Shaft Size: 0.25" (6.33 mm)
    ️· Max Mechanical Speed: 8000 RPM
    ️· Radial/Axial Shaft Load: 5 lbs (2.25 kg) max.
    ️· Starting Torque: 0.4 oz-in (2.82 N-mm)
    ️· Moment of Inertia: 6.7 x 10<sup>-5</sup> oz-in-sec<sup>2</sup> (4.8 gm-cm<sup>2</sup>)
    ️· Electrical Connection: 36" (914.4 mm) cable, 24 AWG foil and braid shield.
    ️· Weight: 3 oz (85.0 g)

    ## ENVIRONMENTAL SPECIFICATIONS
    ️· Operating Temperature: -20°C to 85°C
    ️· Storage Temperature: -25°C to +85°C
    ️· Humidity: 98% RH non-condensing
    ️· Vibration: 10 g @ 58 to 500 Hz
    ️· Shock: 80 g @ 11 msec duration
    ️· Sealing: IP64

    ## ORDERING INFORMATION (Examples)
    ️· PPR Options: 60, 100, 500, 600, 1000, 1200, 2000, 2500.
    ️· Accessories: Flexible couplings available.

    ## OUTPUT WIRING
    ️· Red: +VDC
    ️· Black: Common
    ️· White: Data A
    ️· Green: Data B
    ️· Orange: Index Z

    # MODEL ZSD - 0.25" SHAFT ROTARY PULSE GENERATOR

    ## GENERAL DESCRIPTION
    ️· Miniature, high-precision, low-cost encoder with all-metal construction.
    ️· NPN Open Collector outputs (20mA max current).
    ️· Standard quadrature with index output.
    ️· Resolutions up to 2500 PPR.
    ️· 90° electrical quadrature separation.
    ️· Output A leads output B for clockwise rotation.

    ## ELECTRICAL SPECIFICATIONS
    ️· Supply Voltage: 4.75 to 28 VDC, 100 mA max.
    ️· Outputs: NPN Open Collector (VOH = 30 VDC max, 20 mA max).
    ️· Max Frequency: 200 KHz
    ️· Index: NPN Open Collector, positive going pulse centered over Channel A.
    ️· Noise Immunity: Tested to multiple EN standards (see datasheet).

    ## MECHANICAL SPECIFICATIONS
    ️· Shaft Size: 0.25" (6.33 mm)
    ️· Max Mechanical Speed: 8000 RPM
    ️· Radial/Axial Shaft Load: 5 lbs (2.25 kg) max.
    ️· Starting Torque: 0.4 oz-in (2.82 N-mm)
    ️· Moment of Inertia: 6.7 x 10<sup>-5</sup> oz-in-sec<sup>2</sup> (4.8 gm-cm<sup>2</sup>)
    ️· Electrical Connection: 36" (914.4 mm) cable, 24 AWG foil and braid shield.
    ️· Weight: 3 oz (85.0 g)

    ## ENVIRONMENTAL SPECIFICATIONS
    ️· Operating Temperature: -20°C to 85°C
    ️· Storage Temperature: -25°C to +85°C
    ️· Humidity: 98% RH non-condensing
    ️· Vibration: 10 g @ 58 to 500 Hz
    ️· Shock: 80 g @ 11 msec duration
    ️· Sealing: IP64

    ## ORDERING INFORMATION (Examples)
    ️· PPR Options: 60, 100, 500, 600, 1000, 1200, 2000, 2500.
    ️· Accessories: Flexible couplings available.

    ## OUTPUT WIRING
    ️· Red: +VDC
    ️· Black: Common
    ️· White: Data A
    ️· Green: Data B
    ️· Orange: Index Z

    Part No.ZSD2500A
    ManufacturerREDLION
    Size79 Kbytes
    Pages1 page
    DescriptionMODEL ZSD - 0.25 SHAFT STANDARD SERVO MOUNT ROTARY PULSE GENERATOR