Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CMC701 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CMC701 Datasheet

  • # Example questions: ➢ What voltage levels are available for the 'vs' parameter, and what does 'xx' signify?
    ➢ What is the function of pin 1 (e/d/stby/n) and what are the different options for its configuration?
    ➢ What is the moisture sensitivity level of this component and what does this indicate regarding storage and handling?

  • Part No.CMC701
    ManufacturerRALTRON
    Size717 Kbytes
    Pages6 pages
    DescriptionLow Power Oscillator
    Datasheet Summary with AI

    Okay, here's a summary of the information provided in the datasheet for the CMC701 MEMS Programmable Oscillator:

    Overview:

    The CMC701 is a miniature, low-power, and highly stable MEMS oscillator. It's designed for frequency control applications where precision and reliability are important. It's programmable with various supply voltages, frequency stabilities, temperature ranges, and output drive strengths.

    Key Features & Specifications:

    ️· Supply Voltage: Available in 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, and a wide input range of 2.5V-3.3V.
    ️· Frequency Stability: Offered in ±20ppm, ±25ppm, and ±50ppm options.
    ️· Operating Temperature Range: Available in -20°C to 70°C and -40°C to 85°C ranges.
    ️· Output Drive Strength: Offers various drive strengths labeled D0 to D7 (see tables for specifics).
    ️· Enable/Disable Function: Can be controlled via pin 1 with options for Enable/Disable (E/D), Standby (S), or left unconnected (N).
    ️· Environmental: MSL 1 moisture sensitivity, supports standard reflow soldering, and meets various MIL-STD environmental testing requirements.

    Pinout:

    1. E/D/STBY/N: Enable/Disable/Standby/No Connect
    2. GND: Ground
    3. OUTPUT: Output Signal

    4. Vs: Supply Voltage

    Ordering Information:

    The datasheet provides a detailed ordering code structure that allows customers to specify their desired configuration (supply voltage, frequency stability, temperature range, output drive, and enable/disable function).

    Additional Notes:

    ️· A 0.1µF or higher decoupling capacitor should be placed between Vs and GND.
    ️· The datasheet includes tables detailing the rise/fall times for various supply voltages and drive strengths.
    ️· It also provides a recommended land pattern for PCB layout.
    ️· Reflow soldering profile information is provided.



    Let me know if you'd like me to elaborate on any specific aspect of the datasheet or have any other questions!

    Overview:

    The CMC701 is a miniature, low-power, and highly stable MEMS oscillator. It's designed for frequency control applications where precision and reliability are important. It's programmable with various supply voltages, frequency stabilities, temperature ranges, and output drive strengths.

    Key Features & Specifications:

    ️· Supply Voltage: Available in 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, and a wide input range of 2.5V-3.3V.
    ️· Frequency Stability: Offered in ±20ppm, ±25ppm, and ±50ppm options.
    ️· Operating Temperature Range: Available in -20°C to 70°C and -40°C to 85°C ranges.
    ️· Output Drive Strength: Offers various drive strengths labeled D0 to D7 (see tables for specifics).
    ️· Enable/Disable Function: Can be controlled via pin 1 with options for Enable/Disable (E/D), Standby (S), or left unconnected (N).
    ️· Environmental: MSL 1 moisture sensitivity, supports standard reflow soldering, and meets various MIL-STD environmental testing requirements.

    Pinout:

    1. E/D/STBY/N: Enable/Disable/Standby/No Connect
    2. GND: Ground
    3. OUTPUT: Output Signal
    4. Vs: Supply Voltage

    Ordering Information:

    The datasheet provides a detailed ordering code structure that allows customers to specify their desired configuration (supply voltage, frequency stability, temperature range, output drive, and enable/disable function).

    Additional Notes:

    ️· A 0.1µF or higher decoupling capacitor should be placed between Vs and GND.
    ️· The datasheet includes tables detailing the rise/fall times for various supply voltages and drive strengths.
    ️· It also provides a recommended land pattern for PCB layout.
    ️· Reflow soldering profile information is provided.

    Part No.CMC701
    ManufacturerRALTRON
    Size717 Kbytes
    Pages6 pages
    DescriptionLow Power Oscillator