| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PHS07-H1B10KE1807 Datasheet
# Example questions:
➢ Which terminal configurations are available for the phs07 model, and what are the corresponding pin types?
➢ How does the operating temperature range affect the sensor’s resistance change, as defined by the temperature characteristic?
➢ What is the maximum allowable rotational torque for this sensor?
# Rotary Position Sensor PHS07
## Features
· Dust-proof construction
· High accuracy & long life (up to 1,000,000 cycles)
· Stable output characteristics
## Electrical Specifications
· Total Resistance: 500Ω—1MΩ
· Total Resistance Tolerance: ±20%
· Resistance Taper: B taper
· Rated Voltage: DC 5V, AC 50V
· Rated Power: 0.01W
· Linearity Tolerance: Less than ±2%
· Insulated Resistance: >100MΩ @ DC 250V (1 minute)
· Withstand Voltage: 250V AC (1 minute)
## Mechanical Specifications
· Total Rotational Angle: 360° continuous
· Rotational Torque: <50 gf.cm
· Rotational Shaft Pull Strength: 500gf min
## Environmental Specifications
· Storage Temperature: -40°C to +70°C
· Operating Temperature: -10°C to +70°C
· Dry Heat: 70±2°C, 240±2h, ∆TR+5%/-30%
· Cold: -30±2°C, 300±5h, ∆TR±20%
· Damp Heat: 70±2°C, 85% RH, 300±5h, ∆TR+35/-5%
· Temperature Cycles: -10°C-+70°C, 5 cycles, ∆TR ±10%
· Temperature Characteristic: 70±3°C, 5H, ∆TR+5%/-20%
· Soldering Condition: Wave: 260±5°C sec max, Manual: 350°C±10°C 3 sec max
## How to Order
· Model Series: PHS07 - [Terminal Configuration] - [Terminal Length] - [Resistance] - [Electrical Angle Code] - [Operation Life]
## Drawings
· PHS07-01H1
· PHS07-01H2
· PHS07-01H3
# Rotary Position Sensor PHS07
## Features
· Dust-proof construction
· High accuracy & long life (up to 1,000,000 cycles)
· Stable output characteristics
## Electrical Specifications
· Total Resistance: 500Ω—1MΩ
· Total Resistance Tolerance: ±20%
· Resistance Taper: B taper
· Rated Voltage: DC 5V, AC 50V
· Rated Power: 0.01W
· Linearity Tolerance: Less than ±2%
· Insulated Resistance: >100MΩ @ DC 250V (1 minute)
· Withstand Voltage: 250V AC (1 minute)
## Mechanical Specifications
· Total Rotational Angle: 360° continuous
· Rotational Torque: <50 gf.cm
· Rotational Shaft Pull Strength: 500gf min
## Environmental Specifications
· Storage Temperature: -40°C to +70°C
· Operating Temperature: -10°C to +70°C
· Dry Heat: 70±2°C, 240±2h, ∆TR+5%/-30%
· Cold: -30±2°C, 300±5h, ∆TR±20%
· Damp Heat: 70±2°C, 85% RH, 300±5h, ∆TR+35/-5%
· Temperature Cycles: -10°C-+70°C, 5 cycles, ∆TR ±10%
· Temperature Characteristic: 70±3°C, 5H, ∆TR+5%/-20%
· Soldering Condition: Wave: 260±5°C sec max, Manual: 350°C±10°C 3 sec max
## How to Order
· Model Series: PHS07 - [Terminal Configuration] - [Terminal Length] - [Resistance] - [Electrical Angle Code] - [Operation Life]
## Drawings
· PHS07-01H1
· PHS07-01H2
· PHS07-01H3
| Part No. | PHS07-H1B10KE1807 |
| Manufacturer | TTELEC |
| Size | 431 Kbytes |
| Pages | 3 pages |
| Description | High accuracy and long life over 1 million cycles |