Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CCT-38SX60-RMS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CCT-38SX60-RMS Datasheet

  • # Example questions: ➢ What is the frequency range for which insertion loss performance curves are typically provided?
    ➢ What type of coaxial switch is detailed in this document (e.g., spdt, sp4t, etc.), and how many throw configurations are explicitly shown through truth tables (e.g., 3p6t, 4p6t)?
    ➢ What does this likely refer to in terms of rf performance?

  • Part No.CCT-38SX60-RMS
    ManufacturerTELEDYNE
    Size926 Kbytes
    Pages14 pages
    DescriptionNormally Open Coaxial Switch
    Datasheet Summary with AI

    # CCT-38S/CT-38S Coaxial Switch Series

    ## Overview
    A broadband, multi-throw electromechanical coaxial switch designed to switch microwave signals from a common input to 3, 4, 5, or 6 outputs. Characteristic impedance is 50 Ohms. Switches are available in normally open configurations.

    ## Key Features
    ️· Frequency Range:
    - CCT-38S: DC – 18 GHz
    - CT-38S: DC – 22 GHz
    ️· Number of Throws: Available in SP3T, SP4T, SP5T, and SP6T configurations
    ️· Internally Terminated: Unselected ports are internally terminated with 50 Ohm matched loads.
    ️· Compact Size: Popular connector spacing on a 1.062” diameter circle.
    ️· Actuator Options: Various actuator voltages available (12, 15, 24, 28 VDC). TTL drivers, diodes, decoders, and moisture seals are also available.

    ## Performance Characteristics (Typical)
    ️· Insertion Loss: Varies with frequency, ranging from 0.1 dB to 0.4 dB
    ️· Isolation: Minimum 70 dB (20-22 GHz) to 80 dB (DC-8 GHz) depending on frequency.
    ️· VSWR: Maximum 1.05:1 (DC-4 GHz) to 1.2:1 (8-22 GHz)

    ## Connector Options
    ️· SMA Female
    ️· D-Sub (9 or 15 pin)

    ## Part Numbering System
    CCT-38 S 1 6 C - T
    ️· CCT-38: Series
    ️· S: SMA female connector
    ️· 1: Actuator Voltage (e.g., 1 = 28 VDC)
    ️· 6: Number of throws (e.g. 6 = SP6T)
    ️· C: Indicator Contacts
    ️· T: TTL Drivers with Diodes

    ## Additional Options
    ️· Moisture Seal
    ️· Decoder & TTL Drivers
    ️· Positive + Common
    ️· No Indicator Contacts

    ## Mechanical Outline
    ️· Solder terminals with a maximum solder temperature of 250°C for 5 seconds.
    ️· Indicator and D-Sub model height: 1.85 std.
    ️· All other model height: 2.50.

    # CCT-38S/CT-38S Coaxial Switch Series

    ## Overview
    A broadband, multi-throw electromechanical coaxial switch designed to switch microwave signals from a common input to 3, 4, 5, or 6 outputs. Characteristic impedance is 50 Ohms. Switches are available in normally open configurations.

    ## Key Features
    ️· Frequency Range:
    - CCT-38S: DC – 18 GHz
    - CT-38S: DC – 22 GHz
    ️· Number of Throws: Available in SP3T, SP4T, SP5T, and SP6T configurations
    ️· Internally Terminated: Unselected ports are internally terminated with 50 Ohm matched loads.
    ️· Compact Size: Popular connector spacing on a 1.062” diameter circle.
    ️· Actuator Options: Various actuator voltages available (12, 15, 24, 28 VDC). TTL drivers, diodes, decoders, and moisture seals are also available.

    ## Performance Characteristics (Typical)
    ️· Insertion Loss: Varies with frequency, ranging from 0.1 dB to 0.4 dB
    ️· Isolation: Minimum 70 dB (20-22 GHz) to 80 dB (DC-8 GHz) depending on frequency.
    ️· VSWR: Maximum 1.05:1 (DC-4 GHz) to 1.2:1 (8-22 GHz)

    ## Connector Options
    ️· SMA Female
    ️· D-Sub (9 or 15 pin)

    ## Part Numbering System
    CCT-38 S 1 6 C - T
    ️· CCT-38: Series
    ️· S: SMA female connector
    ️· 1: Actuator Voltage (e.g., 1 = 28 VDC)
    ️· 6: Number of throws (e.g. 6 = SP6T)
    ️· C: Indicator Contacts
    ️· T: TTL Drivers with Diodes

    ## Additional Options
    ️· Moisture Seal
    ️· Decoder & TTL Drivers
    ️· Positive + Common
    ️· No Indicator Contacts

    ## Mechanical Outline
    ️· Solder terminals with a maximum solder temperature of 250°C for 5 seconds.
    ️· Indicator and D-Sub model height: 1.85 std.
    ️· All other model height: 2.50.

    Part No.CCT-38SX60-RMS
    ManufacturerTELEDYNE
    Size926 Kbytes
    Pages14 pages
    DescriptionNormally Open Coaxial Switch