Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AVC2335CT-2000GN-2T-22 Datasheet (PDF) - Vishay Barry

AVC2335CT-2000GN-2T-22 Datasheet PDF - Vishay Barry
Part # AVC2335CT-2000GN-2T-22
Download  AVC2335CT-2000GN-2T-22 Download

File Size   560.98 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description ALUMINUM NITRIDE 20dB ATTENUATOR

AVC2335CT-2000GN-2T-22 Datasheet (PDF)

Go To PDF Page Download Datasheet
AVC2335CT-2000GN-2T-22 Datasheet PDF - Vishay Barry

Part # AVC2335CT-2000GN-2T-22
Download  AVC2335CT-2000GN-2T-22 Click to download

File Size   560.98 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description ALUMINUM NITRIDE 20dB ATTENUATOR

AVC2335CT-2000GN-2T-22 Datasheet (HTML) - Vishay Barry

AVC2335CT-2000GN-2T-22 Datasheet HTML 1Page - Vishay Barry

AVC2335CT-2000GN-2T-22 Product details

General Description:
The AVC2335CT-2000GN-2T-22 is a 20dB
Aluminum Nitride chip attenuator with a frequency
range from DC - 2 GHz and a power handling of 100
Watts while maintaining a heat sink temperature of
100°C max.

Features:
♦ ALN
♦ 100 Watt Power Rating
♦ Solder Mount




Similar Part No. - AVC2335CT-2000GN-2T-22

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AVC2335CT-2000GN-2T-26 BARRY-AVC2335CT-2000GN-2T-26 Datasheet
555Kb / 1P
   ALUMINUM NITRIDE 20 dB CHIP ATTENUATOR
Revision Date 06/25/07
More results


Similar Description - AVC2335CT-2000GN-2T-22

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AVC2335CT-2000JN-2T-03 BARRY-AVC2335CT-2000JN-2T-03 Datasheet
185Kb / 1P
   ALUMINUM NITRIDE 20dB ATTENUATOR
H05Z-2000J2T-03C36-X BARRY-H05Z-2000J2T-03C36-X Datasheet
187Kb / 1P
   ALUMINUM NITRIDE 20dB LEADED ATTENUATOR
Rev. A
AA2000-150-1X BARRY-AA2000-150-1X Datasheet
184Kb / 1P
   Aluminum Nitride 20dB FLANGED ATTENUATOR
Rev. A
AA2000-40-3X BARRY-AA2000-40-3X Datasheet
191Kb / 1P
   Aluminum Nitride 20dB FLANGED ATTENUATOR
Rev. B
AA2000-150-4X BARRY-AA2000-150-4X Datasheet
578Kb / 1P
   Aluminum Nitride 20dB FLANGED ATTENUATOR
Revision Date 09/12/08
AVC3725CT-2000JN-2T-09 BARRY-AVC3725CT-2000JN-2T-09 Datasheet
97Kb / 1P
   ALUMINUM NITRIDE 20dB CHIP ATTENUATOR
Revision Date 07/02/12
H05Z-0500J2T-04C36-X BARRY-H05Z-0500J2T-04C36-X Datasheet
568Kb / 1P
   ALUMINUM NITRIDE ATTENUATOR
Revision Date 08/22/06
AA0100-250-18X BARRY-AA0100-250-18X Datasheet
89Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 08/21/12
AA1300-75-1X BARRY-AA1300-75-1X Datasheet
196Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 8/6/07
AA2000-75-4X BARRY-AA2000-75-4X Datasheet
137Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 10/29/09
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com