Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H05Z-0500J2T-04C36-X Datasheet (PDF) - Vishay Barry

H05Z-0500J2T-04C36-X Datasheet PDF - Vishay Barry
Part # H05Z-0500J2T-04C36-X
Download  H05Z-0500J2T-04C36-X Download
File Size   568.64 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description ALUMINUM NITRIDE ATTENUATOR

H05Z-0500J2T-04C36-X Datasheet (PDF)

Go To PDF Page Download Datasheet
H05Z-0500J2T-04C36-X Datasheet PDF - Vishay Barry

Part # H05Z-0500J2T-04C36-X
Download  H05Z-0500J2T-04C36-X Click to download

File Size   568.64 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description ALUMINUM NITRIDE ATTENUATOR

H05Z-0500J2T-04C36-X Datasheet (HTML) - Vishay Barry


H05Z-0500J2T-04C36-X Product details

General Description:
The H05Z-0500J2T-04C36-X is a 5 dB
leaded Aluminum Nitride chip attenuator with a
frequency range from DC - 2.0 GHz and a power
handling of 100 Watts while maintaining a heat sink
temperature of 100°C max.

Features:
♦ ALN material
♦ 100 Watt Power Rating
♦ Solder Mount




Similar Part No. - H05Z-0500J2T-04C36-X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
H05Z-0300J2T-27C36-X BARRY-H05Z-0300J2T-27C36-X Datasheet
113Kb / 1P
ALUMINUM NITRIDE 3 dB LEADED ATTENUATOR
Rev. A
H05Z-0600J2T-27C36-X BARRY-H05Z-0600J2T-27C36-X Datasheet
565Kb / 1P
ALUMINUM NITRIDE 6 dB LEADED ATTENUATOR
Revision Date 04/25/08
More results


Similar Description - H05Z-0500J2T-04C36-X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0100-250-18X BARRY-AA0100-250-18X Datasheet
89Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 08/21/12
AA0200-50-1X BARRY-AA0200-50-1X Datasheet
187Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
AA0300-50-1X BARRY-AA0300-50-1X Datasheet
187Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
AA0400-50-1X BARRY-AA0400-50-1X Datasheet
187Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
AA0500-100-14X BARRY-AA0500-100-14X Datasheet
152Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/12/09
AA0500-50-1X BARRY-AA0500-50-1X Datasheet
138Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Rev. A
AA1300-75-1X BARRY-AA1300-75-1X Datasheet
196Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 8/6/07
AA2000-75-2X BARRY-AA2000-75-2X Datasheet
129Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Rev. B
AA2000-75-4X BARRY-AA2000-75-4X Datasheet
137Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 10/29/09
AVC2335CT-1000JN-2T-23 BARRY-AVC2335CT-1000JN-2T-23 Datasheet
570Kb / 1P
ALUMINUM NITRIDE 10dB ATTENUATOR
Revision Date 10/26/06
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com