Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICDP860 Datasheet (PDF) - Hangzhou Youwang Electronics Co., Ltd

ICDP860 Datasheet PDF - Hangzhou Youwang Electronics Co., Ltd
Part # ICDP860
Download  ICDP860 Download

File Size   136.21 Kbytes
Page   9 Pages
Manufacturer  YOUWANG [Hangzhou Youwang Electronics Co., Ltd]
Direct Link  http://www.youwang.com.cn/
Logo YOUWANG - Hangzhou Youwang Electronics Co., Ltd
Description LINEAR INTEGRATED CIRCUIT

ICDP860 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICDP860 Datasheet PDF - Hangzhou Youwang Electronics Co., Ltd

Part # ICDP860
Download  ICDP860 Click to download

File Size   136.21 Kbytes
Page   9 Pages
Manufacturer  YOUWANG [Hangzhou Youwang Electronics Co., Ltd]
Direct Link  http://www.youwang.com.cn/
Logo YOUWANG - Hangzhou Youwang Electronics Co., Ltd
Description LINEAR INTEGRATED CIRCUIT

ICDP860 Datasheet (HTML) - Hangzhou Youwang Electronics Co., Ltd

ICDP860 Datasheet HTML 1Page - Hangzhou Youwang Electronics Co., Ltd ICDP860 Datasheet HTML 2Page - Hangzhou Youwang Electronics Co., Ltd ICDP860 Datasheet HTML 3Page - Hangzhou Youwang Electronics Co., Ltd ICDP860 Datasheet HTML 4Page - Hangzhou Youwang Electronics Co., Ltd ICDP860 Datasheet HTML 5Page - Hangzhou Youwang Electronics Co., Ltd ICDP860 Datasheet HTML 6Page - Hangzhou Youwang Electronics Co., Ltd ICDP860 Datasheet HTML 7Page - Hangzhou Youwang Electronics Co., Ltd ICDP860 Datasheet HTML 8Page - Hangzhou Youwang Electronics Co., Ltd ICDP860 Datasheet HTML 9Page - Hangzhou Youwang Electronics Co., Ltd

ICDP860 Product details

DESCRIPTION
The DP8600C incorporate on a single monolithic chip all
the functions required in the construction of a pulsewidth
modulation control circuit.Designed primarily for power
supply control, the device offers the systems engineer the
flexibility to tailor the power supply control circuitry to its
application.
The DP8600C contains an error amplifier,currentlimiting
amplifier, an onchip
adjustable oscillator, a dead time
control comparator,pulsesteering
control flipflop,
a 5volt
,1% precision supply regulator,and output control
circuits.
The error amplifier exhibits a commonmode
Voltage
range from 0.3V
to VCC2V.
The currentlimit
amplifier
exhibits a commonmode
Voltage range from 0.3V
to 3V
with an offset Voltage of approximately 80 mV in series
with the inverting input to ease circuit design requirements.
The deadtime
control comparator has a fixed offset that
provides approximately 5% dead time when externally
altered. The onchip
oscillator may be bypassed by
terminating RT(pin 6) to the reference output and providing
a sawtooth Input to CT(pin 5),or it may be used to drive the
common circuits in synchronous multiplerail
power
supplies.
The Uncommitted output transistors provide either
commonemitter
or emitterfollower
output capability.Each
device provides for pushpull
or singleended
output
operation,which may be selected through the outputcontrol
function. the architecture of these devices prohibits the
possibility of either being pulsed twice during pushpull
operation.

FEATURES
* Complete PWM Power Control Circuitry
* Uncommitted Outputs for 200 mA Sink or
Source Current
* Output Control Selects singleEnded
or
PushPull
Operation
* Internal Circuitry Prohibits Double control
Over
Total Range
* Circuit architecture Allows easy Synchron Ization
* Undervoltage Lockout




Similar Part No. - ICDP860

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
ICD ISABELLENHUETTE-ICD Datasheet
1Mb / 27P
   Current Sensor ±100A 1 Channel Current Sensor Bidirectional Module
Version 1.3
ICD-A-100-CAN1-12 ISABELLENHUETTE-ICD-A-100-CAN1-12 Datasheet
1Mb / 27P
   Current Sensor ±100A 1 Channel Current Sensor Bidirectional Module
Version 1.3
ICD-A-300-CAN2-12 ISABELLENHUETTE-ICD-A-300-CAN2-12 Datasheet
1Mb / 27P
   Current Sensor ±100A 1 Channel Current Sensor Bidirectional Module
Version 1.3
ICD-A-500-CAN1-12 ISABELLENHUETTE-ICD-A-500-CAN1-12 Datasheet
1Mb / 27P
   Current Sensor ±100A 1 Channel Current Sensor Bidirectional Module
Version 1.3
ICD-A-500-CAN2-12 ISABELLENHUETTE-ICD-A-500-CAN2-12 Datasheet
1Mb / 27P
   Current Sensor ±100A 1 Channel Current Sensor Bidirectional Module
Version 1.3
More results


Similar Description - ICDP860

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results



Link URL



Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com