Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI5319A-C-GM Datasheet (PDF) - Skyworks Solutions Inc.

SI5319A-C-GM Datasheet PDF - Skyworks Solutions Inc.
Part # SI5319A-C-GM
Download  SI5319A-C-GM Download
File Size   1232.8 Kbytes
Page   50 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR

SI5319A-C-GM Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5319A-C-GM Datasheet PDF - Skyworks Solutions Inc.

Part # SI5319A-C-GM
Download  SI5319A-C-GM Click to download

File Size   1232.8 Kbytes
Page   50 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR

SI5319A-C-GM Datasheet (HTML) - Skyworks Solutions Inc.


SI5319A-C-GM Product details

Features
 Generates any frequency from 2 kHz to 945 MHz and
select frequencies to 1.4 GHz from an input frequency of
2 kHz to 710 MHz
 Ultra-low jitter clock output with jitter generation as low as
0.3 ps rms (50 kHz–80 MHz)
 Integrated loop filter with selectable loop bandwidth
(60 Hz to 8.4 kHz)
 Meets OC-192 GR-253-CORE jitter specifications
 Clock or crystal input with manual clock selection
 Selectable clock output signal format
(LVPECL, LVDS, CML, CMOS)
 Support for ITU G.709 and custom OTN FEC ratios (e.g.
255/238, 255/237, 255/236)
 Supports various frequency translations for Synchronous
Ethernet
 LOL, LOS alarm outputs
 I2C or SPI programmable
 On-chip voltage regulator for 1.8 V ±5%, 2.5 V ±10% or
3.3 V ±10% operation
 Small size: 6 x 6 mm 36-lead QFN
 Pb-free, ROHS compliant




Similar Part No. - SI5319A-C-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Si5319 SILABS-Si5319 Datasheet
341Kb / 50P
Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results


Similar Description - SI5319A-C-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5369 SKYWORKS-SI5369 Datasheet
951Kb / 84P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5374 SILABS-SI5374 Datasheet
352Kb / 69P
4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com