| Electronic Components Datasheet Search |
|
395-040-559-402 Datasheet (PDF) - EDAC, All Rights Reserved. |
395-040-559-402 Datasheet (PDF) |
|
Download Datasheet |
| Part # | 395-040-559-402 |
| Download | 395-040-559-402 Click to download |
| File Size | 84.9 Kbytes |
| Page | 2 Pages |
| Manufacturer | EDAC [EDAC, All Rights Reserved.] |
| Direct Link | https://edac.net/ |
| Logo | |
| Description | 395 Series,Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height |
395-040-559-402 Datasheet (HTML) - EDAC, All Rights Reserved. |
395-040-559-402 Product details |
|
Similar Part No. - 395-040-559-402 |
|
Link URL |
| Privacy Policy |
| ALLDATASHEET.CO.UK |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |