Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CA-301 Datasheet (PDF) - Epson ToYoCom

CA-301 Datasheet PDF - Epson ToYoCom
Part # CA-301
Download  CA-301 Download
File Size   288.2 Kbytes
Page   2 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description CYLINDER

CA-301 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA-301 Datasheet PDF - Epson ToYoCom

Part # CA-301
Download  CA-301 Click to download

File Size   288.2 Kbytes
Page   2 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description CYLINDER

CA-301 Datasheet (HTML) - Epson ToYoCom


CA-301 Product details

• Frequency range : 4 MHz to 64 MHz

• Thickness : φ3.1 mm Max.

• Overtone order : Fundamental

   3rd overtone (30 MHz to 64 MHz)

• Applications : For Clock of integrated circuit



 




Similar Part No. - CA-301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson ToYoCom
CA-301 EPSONTOYOCOM-CA-301 Datasheet
202Kb / 1P
CYLINDER
logo
Epson Company
CA-301 EPSON-CA-301 Datasheet
380Kb / 2P
MHz RANGE CRYSTAL UNIT
logo
Epson ToYoCom
CA-301 EPSONTOYOCOM-CA-301_10 Datasheet
202Kb / 1P
CYLINDER
More results


Similar Description - CA-301

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
C-001R EPSONTOYOCOM-C-001R Datasheet
258Kb / 1P
CYLINDER
CA-301 EPSONTOYOCOM-CA-301_10 Datasheet
202Kb / 1P
CYLINDER
logo
Festo Corporation.
DSNU-10-60-P-A FESTO-DSNU-10-60-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-12-60-P-A FESTO-DSNU-12-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-12-200-P-A FESTO-DSNU-12-200-P-A Datasheet
35Kb / 2P
ISO cylinder
DSNU-16-15-P-A FESTO-DSNU-16-15-P-A Datasheet
45Kb / 2P
ISO cylinder
DSNU-16-100-PPV-A FESTO-DSNU-16-100-PPV-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-160-PPV-A FESTO-DSNU-16-160-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-200-PPS-A FESTO-DSNU-16-200-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-25-50-PPS-A FESTO-DSNU-25-50-PPS-A Datasheet
87Kb / 2P
ISO cylinder
More results



Link URL



Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com