Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STK433-760-E Datasheet (PDF) - Sanyo Semicon Device

STK433-760-E Datasheet PDF - Sanyo Semicon Device
Part # STK433-760-E
Download  STK433-760-E Download

File Size   205.68 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-channel class AB audio power IC, 50W50W

STK433-760-E Datasheet (PDF)

Go To PDF Page Download Datasheet
STK433-760-E Datasheet PDF - Sanyo Semicon Device

Part # STK433-760-E
Download  STK433-760-E Click to download

File Size   205.68 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-channel class AB audio power IC, 50W50W

STK433-760-E Datasheet (HTML) - Sanyo Semicon Device


STK433-760-E Product details

Overview

The STK433-760-E is a hybrid IC designed to be used in 50W ×50W (2-channel) class AB audio power amplifiers.



Features

•Miniature package (47.0mm ×25.6mm ×9.0mm)

•Output load impedance: RL= 6Ω to 4Ω supported

•Built-in stand-by circuit, output limiting circuit for substrate overheating, and load short-circuit protection circuit constituted by monolithic ICs



Applications

•Audio power amplifiers.

 




Similar Part No. - STK433-760-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
More results


Similar Description - STK433-760-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-060N-E SANYO-STK433-060N-E Datasheet
279Kb / 11P
   2channel class-AB Audio Power IC 50W50W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK415-090-E SANYO-STK415-090-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 50W50W
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
logo
Sanyo Semicon Device
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com