Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FGA60N60UFD Datasheet (PDF) - Fairchild Semiconductor

FGA60N60UFD Datasheet PDF - Fairchild Semiconductor
Part # FGA60N60UFD
Download  FGA60N60UFD Download

File Size   782.61 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, 60A Field Stop IGBT

FGA60N60UFD Datasheet (PDF)

Go To PDF Page Download Datasheet
FGA60N60UFD Datasheet PDF - Fairchild Semiconductor

Part # FGA60N60UFD
Download  FGA60N60UFD Click to download

File Size   782.61 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, 60A Field Stop IGBT

FGA60N60UFD Datasheet (HTML) - Fairchild Semiconductor

FGA60N60UFD Datasheet HTML 1Page - Fairchild Semiconductor FGA60N60UFD Datasheet HTML 2Page - Fairchild Semiconductor FGA60N60UFD Datasheet HTML 3Page - Fairchild Semiconductor FGA60N60UFD Datasheet HTML 4Page - Fairchild Semiconductor FGA60N60UFD Datasheet HTML 5Page - Fairchild Semiconductor FGA60N60UFD Datasheet HTML 6Page - Fairchild Semiconductor FGA60N60UFD Datasheet HTML 7Page - Fairchild Semiconductor FGA60N60UFD Datasheet HTML 8Page - Fairchild Semiconductor FGA60N60UFD Datasheet HTML 9Page - Fairchild Semiconductor



Similar Part No. - FGA60N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA60N65SMD FAIRCHILD-FGA60N65SMD Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
More results


Similar Description - FGA60N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH60N60SF FAIRCHILD-FGH60N60SF Datasheet
647Kb / 8P
   600V, 60A Field Stop IGBT
logo
Silan Microelectronics ...
60N60FD1 SILAN-60N60FD1 Datasheet
307Kb / 10P
   60A, 600V FIELD STOP IGBT
Rev.:1.7
logo
Fairchild Semiconductor
FGH60N60SMD FAIRCHILD-FGH60N60SMD Datasheet
397Kb / 10P
   600V, 60A Field Stop IGBT
FGH60N60UFD FAIRCHILD-FGH60N60UFD Datasheet
767Kb / 9P
   600V, 60A Field Stop IGBT
FGH60N60SFD FAIRCHILD-FGH60N60SFD Datasheet
768Kb / 9P
   600V, 60A Field Stop IGBT
logo
Shenzhen Huazhimei Semi...
HMG60N65FT HMSEMI-HMG60N65FT Datasheet
1Mb / 8P
   650V /60A Trench Field Stop IGBT
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH80N60FD FAIRCHILD-FGH80N60FD Datasheet
665Kb / 9P
   600V, 80A Field Stop IGBT
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com