Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-508BRH Datasheet (PDF) - Intersil Corporation

HS-508BRH Datasheet PDF - Intersil Corporation
Part # HS-508BRH
Download  HS-508BRH Download
File Size   94.95 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection

HS-508BRH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-508BRH Datasheet PDF - Intersil Corporation

Part # HS-508BRH
Download  HS-508BRH Click to download

File Size   94.95 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection

HS-508BRH Datasheet (HTML) - Intersil Corporation


HS-508BRH Product details

The HS-508BRH is a dielectrically isolated, radiation hardened, CMOS analog multiplexer incorporating an important feature; it withstands analog input voltages much greater than the supplies. This is essential in any system where the analog inputs originate outside the equipment.

Features
• Electrically Screened to SMD # 5962-96742
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
    - Gamma Dose (γ) . . . . . . . . . . . . . . . . . 3 x 105 Rad (Si)
    - Dielectrically Isolated Device Islands
    - SEP >100 Mev-mg/cm2
• Analog/Digital Overvoltage Protection
• ESD Rated to 3kV
• Fail Safe with Power Loss (No Latchup)
• Break-Before-Make Switching
• (Typ) DTL/TTL and CMOS Compatible Threshold
• Analog Signal Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
• Fast Access Time
• Supply Current at 1MHz Address Toggle . . . . . .4mA (Typ)
• Standby Power . . . . . . . . . . . . . . . . . . . . . . . .7.5mW (Typ)
• Pb-Free (RoHS Compliant)




Similar Part No. - HS-508BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-508BRH INTERSIL-HS-508BRH Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Renesas Technology Corp
HS-508BRH RENESAS-HS-508BRH Datasheet
215Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexers with Overvoltage Protection
November 17, 2011
logo
Intersil Corporation
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
More results


Similar Description - HS-508BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH Datasheet
164Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-1840ARH-T INTERSIL-HS-1840ARH-T Datasheet
65Kb / 3P
Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
logo
Linear Integrated Syste...
LS-508A LINEAR-LS-508A Datasheet
209Kb / 2P
Single 8-Channel CMOS Analog Multiplexer with active overvoltage protection
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com