Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BR1407/D Datasheet (PDF) - Freescale Semiconductor, Inc

BR1407/D Datasheet PDF - Freescale Semiconductor, Inc
Part # BR1407/D
Download  BR1407/D Download
File Size   86.64 Kbytes
Page   10 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Superscalar 32-Bit Microprocessors

BR1407/D Datasheet (PDF)

Go To PDF Page Download Datasheet
BR1407/D Datasheet PDF - Freescale Semiconductor, Inc

Part # BR1407/D
Download  BR1407/D Click to download

File Size   86.64 Kbytes
Page   10 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Superscalar 32-Bit Microprocessors

BR1407/D Datasheet (HTML) - Freescale Semiconductor, Inc


BR1407/D Product details

INTRODUCTION
The superscalar MC68060 represents a new line of Motorola microprocessor products. The first generation of the M68060 product line consists of the MC68060, MC68LC060, and MC68EC060. All three microprocessors offer superscalar integer performance of over 100 MIPS at 66 MHz. The MC68060 comes fully equipped with both a floating-point unit (FPU) and a memory management unit (MMU) for high-performance embedded control and desktop applications. For cost-sensitive embedded control and desktop applications where an MMU is required, but the additional cost of a FPU is not justified, the MC68LC060 offers high-performance at a low cost. Specifically designed for low-cost embedded control applications, the MC68EC060 eliminates both the FPU and MMU, permitting designers to leverage MC68060 performance while avoiding the cost of unnecessary features. Throughout this product brief, all references to the MC68060 also refer to the MC68LC060 and the MC68EC060, unless otherwise noted.

FEATURES
The main features of the MC68060 are as follows:
• 1.6–1.7 Times the MC68040 Performance at the Same Clock Rate with Existing Compliers. 3.2–3.4 Times the Performance of a 25 MHZ MC68040.
• Harvard Architecture with Independent, Decoupled Fetch and Execution Pipelines.
• Branch Prediction Logic with a 256-Entry, 4-Way Set-Associative, Virtual-Mapped Branch Cache for Improved Branch Instruction Performance.
• A Superscalar Pipeline and Dual Integer Execution Units Achieving Simultaneous, but not Out-of-Order Instruction Execution.
• An IEEE Standard, MC68040- and MC68881-/MC68882-Compatible FPU.
• An MC68040-Compatible Paged Memory Management Unit with Dual 64-Entry Address Translation Caches
• Dual 8-Kbyte Caches (Instruction Cache and Data Cache)
• A Flexible, High-Bandwidth Synchronous Bus Interface
• User Object-Code Compatible with All Earlier M68000 Microprocessors




Similar Part No. - BR1407/D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
BR1407/D FREESCALE-BR1407/D Datasheet
58Kb / 10P
Product Brief Integrated Processor With DMA
logo
NXP Semiconductors
BR1407/D NXP-BR1407/D Datasheet
1Mb / 37P
Integrated CPU32 Processor
Rev 1
More results


Similar Description - BR1407/D

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960HA INTEL-80960HA Datasheet
828Kb / 102P
80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
general purpose 32-bit microprocessors
logo
Motorola, Inc
M68040 MOTOROLA-M68040 Datasheet
3Mb / 442P
M68000-compatible, high-performance, 32-bit microprocessors
logo
Freescale Semiconductor...
M68000 FREESCALE-M68000 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000EI20 FREESCALE-MC68HC000EI20 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC12 FREESCALE-MC68HC000RC12 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Microchip Technology
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
32-BIT ARM-BASED MICROPROCESSORS
2017
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com