Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NTE1534 Datasheet (PDF) - NTE Electronics

NTE1534 Datasheet PDF - NTE Electronics
Part # NTE1534
Download  NTE1534 Download

File Size   20.82 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CMOS, Phase Lock Loop (PLL) Frequency Synthesizer for AM/FM Radio

NTE1534 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1534 Datasheet PDF - NTE Electronics

Part # NTE1534
Download  NTE1534 Click to download

File Size   20.82 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CMOS, Phase Lock Loop (PLL) Frequency Synthesizer for AM/FM Radio

NTE1534 Datasheet (HTML) - NTE Electronics


NTE1534 Product details

Description:

The NTE1534 is a CMOS PLL frequency synthesizer in a 16–Lead DIP type package designed for FM–AM radios. This device contains a reference counter, programmable counter, and phase comparator circuits.



Absolute Maximum Ratings: (VSS = 0, TA = +25°C unless otherwise specified)

Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 to +10V

Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 to VDD+0.3V

Output Voltage, VO . . . . . . . . . . . . . . . . . . . . . . . . –0.3 to VDD+0.3V

Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mW

Operating Temperature Range, Topr . . . . . . . . . . . . –20° to +70°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . –55° to +100°C




Similar Part No. - NTE1534

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE153 NTE-NTE153 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE1530 NTE-NTE1530 Datasheet
83Kb / 3P
   Integrated Circuit Audio Power Amp w/ALC, 450mW
NTE1531 NTE-NTE1531 Datasheet
29Kb / 3P
   Integrated Circuit Voltage Regulator for Electronic Tuning System
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
   Integrated Circuit AM Tuner for Car Radio
NTE1535 NTE-NTE1535 Datasheet
20Kb / 2P
   Integrated Circuit TV Sync. Horizontal/Vertical OSC
More results


Similar Description - NTE1534

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
NTE1254 NTE-NTE1254 Datasheet
23Kb / 2P
   Integrated Circuit Phase-Lock Loop (PLL) Frequency Synthesizer for CB
NTE1565 NTE-NTE1565 Datasheet
82Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) FM Demodulator for Portable Car Radio
NTE1475 NTE-NTE1475 Datasheet
29Kb / 3P
   Integrated Circuit CMOS, Phase-Locked Loop (PLL) Frequency Synthesizer for CB
logo
STMicroelectronics
TDA7326 STMICROELECTRONICS-TDA7326 Datasheet
184Kb / 16P
   AM-FM RADIO FREQUENCY SYNTHESIZER
July 1994
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
   AM/FM PLL Frequency Synthesizer
LC72131 SANYO-LC72131 Datasheet
406Kb / 23P
   AM/FM PLL Frequency Synthesizer
LC72132 SANYO-LC72132 Datasheet
451Kb / 23P
   AM/FM PLL Frequency Synthesizer?
logo
National Semiconductor ...
DS8908B NSC-DS8908B Datasheet
166Kb / 10P
   AM/FM Digital Phase-Locked Loop Frequency Synthesizer
June 1990
logo
NTE Electronics
NTE1657 NTE-NTE1657 Datasheet
25Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex
More results



Link URL



Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com