Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9678P Datasheet(PDF) 101 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 97Page - STMicroelectronics L9678P Datasheet HTML 98Page - STMicroelectronics L9678P Datasheet HTML 99Page - STMicroelectronics L9678P Datasheet HTML 100Page - STMicroelectronics L9678P Datasheet HTML 101Page - STMicroelectronics L9678P Datasheet HTML 102Page - STMicroelectronics L9678P Datasheet HTML 103Page - STMicroelectronics L9678P Datasheet HTML 104Page - STMicroelectronics L9678P Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 203 page
background image
DocID029274 Rev 3
101/203
L9678P, L9678P-S
SPI interface
202
5.1.41
Safing records request target registers (SAF_REQ_TARGET_x)
Safing record request mask for record 1 (SAF_REQ_TARGET_1)
Safing record request mask for record 2 (SAF_REQ_TARGET_2)
Safing record request mask for record 3 (SAF_REQ_TARGET_3)
Safing record request mask for record 4 (SAF_REQ_TARGET_4)
Address:
93 (SAF_REQ_TARGET_1)
94 (SAF_REQ_TARGET_2)
95 (SAF_REQ_TARGET_3)
96 (SAF_REQ_TARGET_4)
Type:
RW
Buffer:
$9300 (SAF_REQ_TARGET_1)
$9400 (SAF_REQ_TARGET_2)
$9500 (SAF_REQ_TARGET_3)
$9600(SAF_REQ_TARGET_4)
Reset:
$8026 (SAF_REQ_TARGET_1)
$8028 (SAF_REQ_TARGET_2)
$802A (SAF_REQ_TARGET_3)
$802C (SAF_REQ_TARGET_4)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
SAF_REQ_TARGETx[15:0]
MISO
0
0
0
0
SAF_REQ_TARGETx[15:0]
SAF_REQ_TARGETx
[15:0]
0000 0000 0000 Safing Request target for safing record x - 16-bit request target that is
compared to the bit-wise AND result of the SAF_REQ_MASKx and MOSI
data from SPI monitor
Updated by SSM_RESET or SPI write while in DIAG state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com