Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1464 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1464
Description  Low-Power, Low-Noise Multichannel Sensor Signal Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1464 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1464 Datasheet HTML 10Page - Maxim Integrated Products MAX1464 Datasheet HTML 11Page - Maxim Integrated Products MAX1464 Datasheet HTML 12Page - Maxim Integrated Products MAX1464 Datasheet HTML 13Page - Maxim Integrated Products MAX1464 Datasheet HTML 14Page - Maxim Integrated Products MAX1464 Datasheet HTML 15Page - Maxim Integrated Products MAX1464 Datasheet HTML 16Page - Maxim Integrated Products MAX1464 Datasheet HTML 17Page - Maxim Integrated Products MAX1464 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Low-Power, Low-Noise Multichannel
Sensor Signal Processor
14
______________________________________________________________________________________
step mode of code execution to ease code writing and
debugging. A special program instruction sequence is
required to observe the other CPU registers. Table 1 lists
the CPU registers.
CPU Ports
The MAX1464 incorporates 16 CPU ports that are directly
accessible by the serial interface. All the CPU ports have
a 16-bit data word width. The contents of the ports can
be read and written by transferring data to and from the
accumulator register (A) using the RDX and WRX instruc-
tions. No other CPU instructions act on the CPU ports.
Three CPU ports PD, PE, and PF have uniquely defined
operation for reading and writing data to and from the
peripheral modules. All CPU ports are static and volatile.
Table 2 lists the CPU ports.
Modules
The MAX1464 modules are the functional blocks used
to process analog and digital signals to and from the
CPU. Each module is addressed through CPU ports PD,
PE, and PF, as described in the CPU Ports section. All
modules use static, volatile registers for data retention.
There are three types of module registers: configuration,
data, and control. They are used to put a module into a
particular mode of operation. Configuration registers
hold configuration bits that control static settings such
as PGA gain, coarse offset, etc. Data registers hold
input data such as DAC and PWM input words or output
data such as the result of an ADC conversion. Control
registers are used to initiate a process (such as an ADC
conversion or a timer) or to turn modules on and off
(such as op amps, DAC outputs, PWM outputs, etc.)
Table 3 lists the module registers.
ADC Module
The ADC module (Figure 4) contains a 9-bit to 16-bit
sigma-delta converter with multiplexed differential and
single-ended signal inputs, a CO DAC, four reference
voltage inputs, two differential or four single-ended
external inputs, and 15 single-ended internal voltages
for measurement. The ADC output data is 16-bit two’s-
complement format. The conversion channel, modes,
and reference sources are all set in ADC configuration
registers. The conversion time is a function of the select-
ed resolution and ADC clock frequency. The CPU can
be programmed to convert any of the inputs and the
internal temperature sensor in any desired sequence.
For example, the differential inputs may be converted
many times and conversions of temperature performed
less frequently. See Table 4.
The ADC reference can be selected as VDD for conver-
sions ratiometric to the power supply, 2 x VREF input for
conversions relative to an external voltage, and VBG x 4,
which is an internally generated bandgap reference
voltage. Note that because VREF external = 2.5V and
VBG = 1.25V, the ADC’s reference voltage is always
close to 5.0V. The ADC voltage reference is also used
by the CO DAC to maintain a signal conversion that is
completely ratiometric to the selected reference source.
The four analog inputs (INP1, INM1, INP2, INM2) and
several internal circuit nodes can be multiplexed to the
ADC for a single-ended conversion relative to VSS. The
selection of which circuit node is multiplexed to the ADC
is controlled by the ADC_Control register. The ADC can
measure each of the op-amp output nodes with gain for
converting user-defined circuits or incorporating system
diagnostic test functions. The DAC outputs can be con-
verted by the ADC with either op amp arranged as
unity-gain buffers on the DAC outputs. The internal
power nodes, VDD and VSS, and the bandgap reference,
VBG can be multiplexed to the ADC for conversion as
well. These measurement modes are defined and initiat-
ed in the ADC_Control register. See Tables 5 and 7 for
the single-ended configuration.
ADC Registers
The ADC module has 10 registers for configuration,
control, and data output. There are three conversion
channels in the ADC; channel 1, channel 2, and tem-
perature. Channels 1 and 2 are associated with the dif-
ferential signal input pairs INP1-INM1 and INP2-INM2,
respectively. The temperature channel is associated
with the integrated temperature sensor. Each channel
has two configuration registers (ADC_Config_nA and
ADC_Config_nB where n = 1, 2, or T) for setting con-
version resolution, reference input, coarse offsets, etc.
The data output from a conversion of channel 1, 2, or T
is stored in the respective data output register
ADC_Data_n where n = 1, 2, or T. Each of the channels
can be used to convert single-ended inputs as listed in
Table 7. The ADC_Control register controls which chan-
nel is to be converted and what single-ended input, if
any, is to be directed to that channel. See Tables 8
through 13.
Conversion Start
To initiate an ADC conversion, a word is written to the
ADC_Control register with either CNVT1, CNVT2, or
CNVTT bit set to a 1 (Table 6). When an ADC conver-
sion is initiated, the CPU is halted and all CPU and
FLASH activities cease. All CNVT1, CNVT2, and CNVTT
bits are cleared after the ADC conversion is completed.
Upon completion of the conversion, the ADC result is
latched into the respective ADC_Data_n register. In
addition, the convert bits in control register 0 are all
reset to zero. The CPU clock is then enabled and pro-
gram execution continues


Similar Part No. - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
639Kb / 14P
Spare Area for Simple-Circuit Breadboarding
Rev 0; 12/06
MAX1464 MAXIM-MAX1464 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14641 MAXIM-MAX14641 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14642 MAXIM-MAX14642 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
More results

Similar Description - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1463 MAXIM-MAX1463 Datasheet
432Kb / 49P
Low-Power Two-Channel Sensor Signal Processor
Rev 0; 8/02
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
Low Noise, Angular Rate Sensor
REV. A
logo
List of Unclassifed Man...
DMR01 ETC2-DMR01 Datasheet
857Kb / 13P
Low Power Digital Multichannel Receiver
logo
Texas Instruments
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
Multichannel, Low-Power, High-Speed ADC
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Winson Semiconductor Co...
WCS2801 WINSON-WCS2801 Datasheet
642Kb / 5P
Low noise analog signal path
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Curtis Electromusic.
CEM3387 CES-CEM3387 Datasheet
1Mb / 10P
LOW NOISE V.C SIGNAL PROCESSOR
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com