Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1464 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1464
Description  Low-Power, Low-Noise Multichannel Sensor Signal Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1464 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1464 Datasheet HTML 14Page - Maxim Integrated Products MAX1464 Datasheet HTML 15Page - Maxim Integrated Products MAX1464 Datasheet HTML 16Page - Maxim Integrated Products MAX1464 Datasheet HTML 17Page - Maxim Integrated Products MAX1464 Datasheet HTML 18Page - Maxim Integrated Products MAX1464 Datasheet HTML 19Page - Maxim Integrated Products MAX1464 Datasheet HTML 20Page - Maxim Integrated Products MAX1464 Datasheet HTML 21Page - Maxim Integrated Products MAX1464 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Low-Power, Low-Noise Multichannel
Sensor Signal Processor
18
______________________________________________________________________________________
Every function of the DOP module can be selected individ-
ually (DAC, PWM, or op amp), or two out of the three func-
tions of the DOP module can be selected at the same time
(PWM and op amp, or DAC and PWM, or DAC and op
amp), as there are only two output pins for the module,
OUTnSM and OUTnLG. The various configuration options
for the DOP are shown in Table 21. The PWRDAC and
PWROP bits are in the power-on control register (address
= 31h), and the remaining bits are in the DOP registers.
See Tables 21 through 27.
Timer Module
The timer module (Figure 6) comprises a 12-bit counter, a
4-bit prescalar, and control and configuration registers.
When the timer is enabled and initiated, the system master
clock, MCLK, is prescaled by the divisor set by PS[3:0] in
the TMR_Config register and the result applied to the 12-
bit upcounter. When the counter value matches the time-
out value TO[11:0] in register TMR_Config, bit TMDN is set
to 1. The CPU can poll the timer done bit TMDN to check
its status.
The timer module provides a feature that enables the CPU
to be put into a low-power halt mode for the duration of the
timer interval. Setting the ENAHALT bit in the TMR_Control
register while starting the timer (setting the timer enable bit
TMEN to 1), or while the timer is already enabled and
counting halts the CPU at the present instruction until the
TMDN bit becomes set by the counter. The CPU com-
mences execution with the next instruction. All CPU regis-
ters and ports are fully static and retain all data during the
elapsed time interval.
The time interval between TMEN being set to 1, and
TMDN being set to 1 can be computed as follows:
Time Interval = (2 / fOSC) x {(prescale value N)
x (timeout value TO[11:0]) + 1.5}
The maximum time interval given fOSC = 4MHz clock is
786ms.
Power Control
The power to various subcircuits in the MAX1464 can be
turned on and off by CPU control and by the serial inter-
face. Unused subcircuits and modules can be turned off
to reduce power consumption. The default state after
power-on is all subcircuits and modules powered off.
This enables low-power embedded systems to turn on
only the needed modules after exiting a low-power CPU
halt timer interval. Modules can be turned on and off as
needed; however, care must be exercised to allow for
module initialization and settling prior to use.
Oscillator Control
The MAX1464 has a fully integrated oscillator with a
nominal 4MHz frequency. An external clock source can
be used when the clock-select pin CKSEL = 0, operating
all internal timing functions. CKIO can also be configured
as an output source of the internal oscillator clock.
GPIO Module
The MAX1464 contains two general-purpose digital
input/output (GPIO) modules, GPIO1 and GPIO2, which
can be written and read by CPU control and by the ser-
ial interface. These two I/O pins operate independently
of each other. They can be configured as inputs, out-
puts, or one input and one output. When configured as
an input, there are two modes of sensing digital inputs;
as a voltage or logic level, or as an edge detector. In
edge-detector mode, either a rising or falling edge can
be selected for detection. A bit is set in the GPIO con-
trol register upon detection of the selected edge.
The GPIO pins have nominal 100k
Ω pulldown resistors
to VSS as in Figure 6. Pulldown resistors provide a low
logic level when the pin is unconnected. The GPIO may
also serve as an input pin and its state is read from the
GPIO control register (Tables 28 and 29). When using
the GPIO pin as a general-purpose output, its output
state is defined by writing to the GPIO control register.
The GPIOn pins can be configured as an alert output
that goes low or high whenever a fault condition hap-
pens, e.g., remote sensor line disconnection, overflow
conditions in the CPU program execution, etc.
All input and output control for the GPIO1 and GPIO2
pins are contained in GPIO1_Control (address = 40h)
and GPIO2_Control (address = 41h), respectively.
Figure 7 shows the GPIO1 and GPIO2 modules.
Serial Interface Timing and Operation
The MAX1464 serial interface is a high-speed asyn-
chronous data input and output communication port,
providing access to internal registers for calibration of
embedded control sensor systems. All the FLASH
memory is read and write accessible by the serial inter-
20h
TMR_Control
21h
TMR_Config
PRESCALER
12-BIT COUNTER
TIMEOUT VALUE
MCLK
Figure 6. Timer Module


Similar Part No. - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
639Kb / 14P
Spare Area for Simple-Circuit Breadboarding
Rev 0; 12/06
MAX1464 MAXIM-MAX1464 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14641 MAXIM-MAX14641 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14642 MAXIM-MAX14642 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
More results

Similar Description - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1463 MAXIM-MAX1463 Datasheet
432Kb / 49P
Low-Power Two-Channel Sensor Signal Processor
Rev 0; 8/02
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
Low Noise, Angular Rate Sensor
REV. A
logo
List of Unclassifed Man...
DMR01 ETC2-DMR01 Datasheet
857Kb / 13P
Low Power Digital Multichannel Receiver
logo
Texas Instruments
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
Multichannel, Low-Power, High-Speed ADC
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Winson Semiconductor Co...
WCS2801 WINSON-WCS2801 Datasheet
642Kb / 5P
Low noise analog signal path
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Curtis Electromusic.
CEM3387 CES-CEM3387 Datasheet
1Mb / 10P
LOW NOISE V.C SIGNAL PROCESSOR
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com