Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1464 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX1464
Description  Low-Power, Low-Noise Multichannel Sensor Signal Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1464 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX1464 Datasheet HTML 20Page - Maxim Integrated Products MAX1464 Datasheet HTML 21Page - Maxim Integrated Products MAX1464 Datasheet HTML 22Page - Maxim Integrated Products MAX1464 Datasheet HTML 23Page - Maxim Integrated Products MAX1464 Datasheet HTML 24Page - Maxim Integrated Products MAX1464 Datasheet HTML 25Page - Maxim Integrated Products MAX1464 Datasheet HTML 26Page - Maxim Integrated Products MAX1464 Datasheet HTML 27Page - Maxim Integrated Products MAX1464 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Low-Power, Low-Noise Multichannel
Sensor Signal Processor
24
______________________________________________________________________________________
Description:
Perform a 16-bit shift-left operation on the contents of
X-register. The most significant bit, bit 15, is truncated
and lost. If register X is any CPU register other than
register R6, then a zero is appended into the LSB, bit 0.
If X is CPU register R6, then the data appended into the
LSB bit 0 is copied from the MSB of register R4. The
contents of register R4 are not affected. The operation
does not preserve the two’s-complement sign bit-15.
The operation is equivalent to an arithmetic multiplica-
tion by 2 on an unsigned integer value stored in regis-
ter X. The result is stored back into the X-register. The
previous contents of the X-register are overwritten
and lost.
Register X can be any of the 16 CPU registers.
PC is incremented once to point to the next instruction
in program memory.
Two’s-complement data format is not preserved.
No branching occurs.
No other registers are affected.
SRX
Shift Right Register X
Op-code: 0111 XXXXBINARY 7Xh
PC-register
← PC + 1 (point to next instruction)
CPU Cycles required:
1 cycle
Description:
Perform a 15-bit shift-right operation on the contents of
X-register, preserving the contents of the two’s-comple-
ment sign bit-15 and propagating the sign bit, bit-15,
into bit-14. The least significant bit, bit 0, is truncated
and lost. The operation is equivalent to an arithmetic
division by 2. The result is stored back into the X-regis-
ter. The previous contents of the X-register are overwrit-
ten and lost.
Register X can be any of the 16 CPU registers.
PC is incremented once to point to the next instruction
in program memory.
Two’s-complement data format is preserved.
No branching occurs.
No other registers are affected.
INX
Increment Register X
Op-code:
1000 XXXXBINARY 8Xh
Operation:
X-register
← X-register + 1
PC-register
← PC + 1 (point to next instruction)
CPU Cycles required:
1 cycle
Description:
Perform a 16-bit increment operation on the contents of
the X-register. Should the increment result in an over-
flow, the overflow bit is truncated and lost. The result is
stored back into the X-register. The previous contents
of the X-register are overwritten and lost.
Register X can be any of the 16 CPU registers.
PC is incremented once to point to the next instruction
in program memory.
Two’s-complement data format is preserved.
No branching occurs.
No other registers are affected.
DEX
Decrement Register X
Op-code:
1001 XXXXBINARY 9Xh
Operation:
X-register
← X-register - 1
PC-register
← PC + 1 (point to next instruction)
CPU Cycles required:
1 cycle
Description:
Perform a 16-bit decrement operation on the contents
of the X-register. Should the decrement result in an
underflow, the underflow bit is truncated and lost. The
result is stored back into the X-register. The previous
contents of the X-register are overwritten and lost.
Register X can be any of the 16 CPU registers.
PC is incremented once to point to the next instruction
in program memory.
Two’s-complement data format is preserved.
No branching occurs.
No other registers are affected.
NGX
Negate Register X
Op-code:
1010 XXXXBINARY AXh
Operation:
X-register
← NOT X-register
14
15
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BIT:
REGISTER X
Operation


Similar Part No. - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
639Kb / 14P
Spare Area for Simple-Circuit Breadboarding
Rev 0; 12/06
MAX1464 MAXIM-MAX1464 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14641 MAXIM-MAX14641 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14642 MAXIM-MAX14642 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
More results

Similar Description - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1463 MAXIM-MAX1463 Datasheet
432Kb / 49P
Low-Power Two-Channel Sensor Signal Processor
Rev 0; 8/02
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
Low Noise, Angular Rate Sensor
REV. A
logo
List of Unclassifed Man...
DMR01 ETC2-DMR01 Datasheet
857Kb / 13P
Low Power Digital Multichannel Receiver
logo
Texas Instruments
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
Multichannel, Low-Power, High-Speed ADC
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Winson Semiconductor Co...
WCS2801 WINSON-WCS2801 Datasheet
642Kb / 5P
Low noise analog signal path
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Curtis Electromusic.
CEM3387 CES-CEM3387 Datasheet
1Mb / 10P
LOW NOISE V.C SIGNAL PROCESSOR
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com