Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1464 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX1464
Description  Low-Power, Low-Noise Multichannel Sensor Signal Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1464 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX1464 Datasheet HTML 28Page - Maxim Integrated Products MAX1464 Datasheet HTML 29Page - Maxim Integrated Products MAX1464 Datasheet HTML 30Page - Maxim Integrated Products MAX1464 Datasheet HTML 31Page - Maxim Integrated Products MAX1464 Datasheet HTML 32Page - Maxim Integrated Products MAX1464 Datasheet HTML 33Page - Maxim Integrated Products MAX1464 Datasheet HTML 34Page - Maxim Integrated Products MAX1464 Datasheet HTML 35Page - Maxim Integrated Products MAX1464 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Low-Power, Low-Noise Multichannel
Sensor Signal Processor
32
______________________________________________________________________________________
BIT
NAME
DESCRIPTION
15–7
Unused.
6–4
BIAS2[2:0]
ADC bias setting to use during conversion of channel 2. BIAS2[2] = MSB.
3–2
Unused.
1–0
REF2[1:0]
Reference select for conversion on channel 2. REF2[2] = MSB.
Table 11. ADC_Config_2B (Address = 06h)
BITS
NAME
DESCRIPTION
15–11
PGAT[4:0]
Programmable gain to use during conversion of temperature sensor. PGAT[4] = MSB.
10–8
CLKT[2:0]
ADC clock setting to use during conversion of the temperature sensor. CLKT[2] = MSB.
7
Unused.
6–4
REST[2:0]
ADC resolution setting to use during conversion of the temperature sensor. REST[2] = MSB.
3
COT[3]
Coarse-offset DAC sign bit.
2–0
COT[2:0]
Coarse-offset DAC setting to use during conversion of the temperature sensor. COT[2] = MSB.
Table 12. ADC_Config_TA (Address = 08h)
BITS
NAME
DESCRIPTION
15–7
Unused.
6–4
BIAST[2:0]
ADC bias setting to use during conversion of the temperature sensor. BIAST[2] = MSB.
3–0
Unused.
Table 13. ADC_Config_TB (Address = 09h)
PGAn[4:0]
GAIN (V/V)
00000
0.99
00001
7.7
00010
15.5
00011
23
00100
31
00101
39
00110
46
00111
54
01000
62
01010
77
01100
92
01110
107
10000
123
10100
153
11000
183
11100
214
11110
244
Table 14. Programmable-Gain Amplifier
(PGAn[4:0], Where n = 1, 2, or T)
CLKn[2:0]
DIVISOR n
fADC (Hz)
000
4
1M
001
8
500k
010
16
250k
011
32
125k
100
64
62.5 k
101
128
31.25k
110
256
15.625k
111
512
7.8125k
Table 15. ADC Clock (CLKn[2:0],
Where n = 1, 2, or T; fCLK = 4MHz)


Similar Part No. - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
639Kb / 14P
Spare Area for Simple-Circuit Breadboarding
Rev 0; 12/06
MAX1464 MAXIM-MAX1464 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14641 MAXIM-MAX14641 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14642 MAXIM-MAX14642 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
More results

Similar Description - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1463 MAXIM-MAX1463 Datasheet
432Kb / 49P
Low-Power Two-Channel Sensor Signal Processor
Rev 0; 8/02
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
Low Noise, Angular Rate Sensor
REV. A
logo
List of Unclassifed Man...
DMR01 ETC2-DMR01 Datasheet
857Kb / 13P
Low Power Digital Multichannel Receiver
logo
Texas Instruments
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
Multichannel, Low-Power, High-Speed ADC
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Winson Semiconductor Co...
WCS2801 WINSON-WCS2801 Datasheet
642Kb / 5P
Low noise analog signal path
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Curtis Electromusic.
CEM3387 CES-CEM3387 Datasheet
1Mb / 10P
LOW NOISE V.C SIGNAL PROCESSOR
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com