Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1464 Datasheet(PDF) 43 Page - Maxim Integrated Products

Part # MAX1464
Description  Low-Power, Low-Noise Multichannel Sensor Signal Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1464 Datasheet(HTML) 43 Page - Maxim Integrated Products

Back Button MAX1464 Datasheet HTML 39Page - Maxim Integrated Products MAX1464 Datasheet HTML 40Page - Maxim Integrated Products MAX1464 Datasheet HTML 41Page - Maxim Integrated Products MAX1464 Datasheet HTML 42Page - Maxim Integrated Products MAX1464 Datasheet HTML 43Page - Maxim Integrated Products MAX1464 Datasheet HTML 44Page - Maxim Integrated Products MAX1464 Datasheet HTML 45Page - Maxim Integrated Products MAX1464 Datasheet HTML 46Page - Maxim Integrated Products MAX1464 Datasheet HTML 47Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
Low-Power, Low-Noise Multichannel
Sensor Signal Processor
______________________________________________________________________________________
43
IRSD
DESCRIPTION
0000
Place the MAX1464 into a 4-wire serial interface
(DI cannot be connected to DO).
0001
Place the MAX1464 into a 3-wire serial interface
(DI can be externally connected to DO).
0010–1111
Unused.
Table 40. Interface Mode Register (IMR)
Decoding
OP CODE (hex)
MNEMONIC
OPERATION
TWO’S
COMP
NO. OF
REGISTERS
INVOLVED
NO. OF
CYCLES
NO. OF
BYTES
0X
LDX
Load register X from program memory.
Y
1
3
3
1X
CLX
Clear X-reg.
Y
1
1
1
2X
ANX
A-reg = A-reg AND X-reg.
N
2
1
1
3X
ORX
A-reg = A-reg OR X-reg.
N
2
1
1
4X
ADX
A-reg = A-reg ADD X-reg.
Y
2
1
1
5X
STX
X-reg = A-reg.
Y
2
1
1
6X
SLX
Shift left X-reg.
N
1 or 2
1
1
7X
SRX
Shift right X-reg propagating sign bit.
Y
1
1
1
8X
INX
X-reg = X-reg + 1.
Y
1
1
1
9X
DEX
X-reg = X-reg - 1.
Y
1
1
1
AX
NGX
X-reg = NOT X-reg.
N
1
1
1
BX
BPX
Branch positive I-reg by amount in X-reg.
Y
2
1
1
CX
BNX
Branch not zero I-reg by amount in X-reg.
Y
2
1
1
DX
RDX
A-reg = CPU port-X.
Y
1
1
1
EX
WRX
CPU port-X = A-reg.
Y
1
1
1
F3
MLT
A-reg | M-reg = M-reg multiplied by
N-reg; register op code must be 3h.
Y
3
16
1
Table 41. Instruction Set


Similar Part No. - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
639Kb / 14P
Spare Area for Simple-Circuit Breadboarding
Rev 0; 12/06
MAX1464 MAXIM-MAX1464 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14641 MAXIM-MAX14641 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14642 MAXIM-MAX14642 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
More results

Similar Description - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1463 MAXIM-MAX1463 Datasheet
432Kb / 49P
Low-Power Two-Channel Sensor Signal Processor
Rev 0; 8/02
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
Low Noise, Angular Rate Sensor
REV. A
logo
List of Unclassifed Man...
DMR01 ETC2-DMR01 Datasheet
857Kb / 13P
Low Power Digital Multichannel Receiver
logo
Texas Instruments
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
Multichannel, Low-Power, High-Speed ADC
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Winson Semiconductor Co...
WCS2801 WINSON-WCS2801 Datasheet
642Kb / 5P
Low noise analog signal path
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Curtis Electromusic.
CEM3387 CES-CEM3387 Datasheet
1Mb / 10P
LOW NOISE V.C SIGNAL PROCESSOR
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com