Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TM2292 Datasheet(PDF) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM2292
Description  Infrared Sensor Signal Processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM2292 Datasheet(HTML) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM2292 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©Titan Micro Electronics
www.titanmec.com
Ver1.1
5
红外传感信号处理器
TM2292
2、 用于可控硅控制的应用电路
UOUT1
1
IP1
2
IN1
3
VREF
4
GND
5
TB
6
NC
7
TCI
8
CDS
9
TRIAC
10
RELAY
11
ZCD
12
VDD
13
IN2
14
IP2
15
UOUT2
16
TM2292
D
S
G
PIR
820K
1uF
15K
33uF
100uF
0.01uF
47K
100pF
0.01uF
10K
4.7K
47uF
15K
560k
0.047uF
22uF
10uF
1M
延时电位 器
CDS
FUSE1
5.1V
470uF
470K
1M
330
100K
47
负载
图(5)
应用说明:
1. PCB布局时PIR与IC之间的引线越短越好,地线也尽量设计得宽一些,以免引起噪声干扰。
2. PIR和菲涅尔透镜请选择专业厂家的产品,因为它们的质量好坏对产品的性能有较大影响。PIR
在焊接时引线与基板距离应在4毫米以上,焊接时间要尽量的短。
3. 电路完成后,在正常没有触发的情况下,在示波器下观察,UOUT2输出应为一条1.6V左右稳
定的电平,用示波器另一通道接着RELAY脚或TRIAC脚(TRIAC脚需要同时在ZCD脚检测到过
零信号),然后人走动或挥手去触发PIR,UOUT2会有明显的上下波动,当波动高于2.1V或低
于1.3V时RELAY脚会被拉高(TRIAC脚是在ZCD脚同时有过零信号时被拉低一下)如果没有观
察到,则需要重新检查硬件连接。
4. 成品调试时请安装上菲涅尔透镜,否则产品感应距离较短,抗干扰性也会差一点,同时请调整
菲涅尔透镜与PIR的距离,使其等于透镜的焦距,这样才有最好的检测灵敏度。
5. 当环境温度升高时,产品的灵敏度会下降,可以将3脚的15K电阻更换为一个固定电阻和一个
热敏电阻的组合,温度升高时热敏电阻阻值减小,一级运放的放大倍数就变大,以此改善温度
较高时灵敏度变差的问题。
6. 如需要增加感应距离可以通过改变运放的电阻,增加放大倍数实现,但同时会降低抗干扰能力,
增加误触发的概率。
7. TB外接的R、C决定IC内部的时钟及触发后锁定时间的长度,TB频率 f=(1±20%)/1.1RC; TCI
外接的R、C决定芯片触发后维持时间的长度,TCI频率公式同上。实际应用中可以通过调整频
率大小改变触发时间的长度。


Similar Part No. - TM2292

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
More results

Similar Description - TM2292

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
Texas Instruments
TSS400-S1 TI-TSS400-S1 Datasheet
328Kb / 27P
uPOWER PROGRAMMABLE HIGH-PRECISION SENSOR SIGNAL PROCESSOR
logo
Maxim Integrated Produc...
MAX1463 MAXIM-MAX1463 Datasheet
432Kb / 49P
Low-Power Two-Channel Sensor Signal Processor
Rev 0; 8/02
logo
ELMOS Semiconductor AG
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
SHENZHEN FUMAN ELECTRON...
BISS0001A FUMAN-BISS0001A Datasheet
280Kb / 7P
Infrared sensing signal processor
BISS0001B FUMAN-BISS0001B Datasheet
279Kb / 7P
Infrared sensing signal processor
logo
Shenzhen Huazhimei Semi...
HM4002 HMSEMI-HM4002 Datasheet
921Kb / 9P
Low-power pyroelectric infrared sensor signal processing chip
logo
Guangdong Youtai Semico...
BISS0001 UMW-BISS0001 Datasheet
488Kb / 4P
Infrared sensing signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com