Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F722VCY6TR Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F722VCY6TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY6TR Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F722VCY6TR Datasheet HTML 98Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 99Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 100Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 101Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 102Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 103Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 104Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 105Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 229 page
background image
Electrical characteristics
STM32F722xx STM32F723xx
102/229
DS11853 Rev 6
6.1.6
Power supply scheme
Figure 28. STM32F722xx power supply scheme
1. The two 2.2 µF ceramic capacitors should be replaced by two 100 nF decoupling capacitors when the
voltage regulator is OFF.
2. The 4.7 µF ceramic capacitor must be connected to one of the VDD pin.
3. VDDA=VDD and VSSA=VSS.
MSv42076V2
VDD
1/2/...11/12
Analog:
RCs, PLL,
...
Kernel logic
(CPU,
digital
& RAM)
12 × 100 nF
+ 1 × 4.7 μF
Voltage
regulator
VSS
1/2/...11/12
VDDA
VREF+
VREF-
VSSA
ADC
VDD
+ 1 μF
VREF
100 nF
+ 1 μF
VDD
Flash memory
VCAP_1
VCAP_2
2 × 2.2 μF
BYPASS_REG
PDR_ON
Reset
controller
100 nF
OTG FS
PHY
100 nF
VDDUSB
+ 1 μF
VDDUSB
OUT
IN
IO
PG[9..12], PD[6,7]
Logic
100 nF
V
DDSDMMC
+ 1 μF
V
DDSDMMC
VBAT
GP I/O s
OUT
IN
Backup circuitry
(OSC32K,RTC,
Backup registers,
backup RAM)
Wakeup logic
VBAT =
1.65 to 3.6V
IO
Logic
Power switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com