Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3485SA Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3485SA
Description  3.3V power supply, half duplex
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3485SA Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3485SA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3485SA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3485SA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3485SA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3485SA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3485SA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
background image
图 5 驱动器使能与禁能时间
图 6 驱动器使能与禁能时间
12Mbps 通迅速率,256 节点 RS485/RS422 收发器
LM3485SA
3.3V 供电 半双工,
Rev :
www.leiditech.com
01.06.2018
8/13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com