Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

27260700 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 27260700
Description  Feed-through header - MCDNV 1,5/ 2-G1-3,5 RNP14THR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27260700 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  27260700 Datasheet HTML 1Page - PHOENIX CONTACT 27260700 Datasheet HTML 2Page - PHOENIX CONTACT 27260700 Datasheet HTML 3Page - PHOENIX CONTACT 27260700 Datasheet HTML 4Page - PHOENIX CONTACT 27260700 Datasheet HTML 5Page - PHOENIX CONTACT 27260700 Datasheet HTML 6Page - PHOENIX CONTACT 27260700 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1952500
06/30/2020   Page 7 / 7
Feed-through header - MCDNV 1,5/ 2-G1-3,5 RNP14THR - 1952500
Accessories
Marker card - SK 3,81/2,8:FORTL.ZAHLEN - 0804109
Marker card, Card, white, labeled, horizontal: consecutive numbers 1 ... 10, 11 ... 20, etc. up to 91 ... (99)100,
mounting type: adhesive, for terminal block width: 3.81 mm, lettering field size: 3.81 x 2.8 mm
 
 
Phoenix Contact 2020 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Similar Part No. - 27260700

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27260700 PHOENIX-27260700 Datasheet
129Kb / 8P
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
27260700 PHOENIX-27260700 Datasheet
180Kb / 10P
Feed-through plug - DFK-PC 16/ 7-STF-10,16
27260700 PHOENIX-27260700 Datasheet
160Kb / 9P
Feed-through plug - DFK-IPC 16/ 3-STF-10,16
27260700 PHOENIX-27260700 Datasheet
118Kb / 6P
Printed-circuit board connector - DFK-PC 5/ 2-G-7,62
27260700 PHOENIX-27260700 Datasheet
118Kb / 6P
Printed-circuit board connector - DFK-PC 5/ 4-G-7,62
More results

Similar Description - 27260700

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952678 PHOENIX-1952678 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/19-G1-3,5 RNP14THR
1952623 PHOENIX-1952623 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/14-G1-3,5 RNP14THR
1952636 PHOENIX-1952636 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/15-G1-3,5 RNP14THR
1952649 PHOENIX-1952649 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/16-G1-3,5 RNP14THR
1952513 PHOENIX-1952513 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 3-G1-3,5 RNP14THR
1952526 PHOENIX-1952526 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 4-G1-3,5 RNP14THR
1952539 PHOENIX-1952539 Datasheet
140Kb / 7P
Feed-through header - MCDNV 1,5/ 5-G1-3,5 RNP14THR
1952568 PHOENIX-1952568 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 8-G1-3,5 RNP14THR
1952571 PHOENIX-1952571 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 9-G1-3,5 RNP14THR
1952555 PHOENIX-1952555 Datasheet
140Kb / 7P
Feed-through header - MCDNV 1,5/ 7-G1-3,5 RNP14THR
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com