Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX14632EZK+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14632EZK+T
Description  USB Charger Adapter Emulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14632EZK+T Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX14632EZK+T Datasheet HTML 1Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 2Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 3Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 4Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 5Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 6Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 7Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MAX14630/MAX14632
USB Charger Adapter Emulators
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent
licenses are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and
max limits) shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated 160 Rio Robles, San Jose, CA 95134 USA 1-408-601-1000
8
© 2013 Maxim Integrated Products, Inc.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
6/12
Initial release
1
3/13
Removed future product designation from the MAX14632 in the Ordering Information
7


Similar Part No. - MAX14632EZK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1463 MAXIM-MAX1463 Datasheet
432Kb / 49P
Low-Power Two-Channel Sensor Signal Processor
Rev 0; 8/02
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 7P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 1; 1/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 7P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switches
2013
More results

Similar Description - MAX14632EZK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
MAX14600 MAXIM-MAX14600_12 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger
logo
Analog Devices
82-000760-01 AD-82-000760-01 Datasheet
757Kb / 44P
HPUSB USB and HPPCI Emulators
logo
Maxim Integrated Produc...
MAX14657 MAXIM-MAX14657 Datasheet
2Mb / 27P
Dual-Channel USB Host Adapter Emulators
Rev 1; 8/13
MAX14617 MAXIM-MAX14617 Datasheet
2Mb / 13P
USB Host Charger Identification/Adapter Emulator
19-6045; Rev 1; 2/12
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
logo
Ultralife Corporation.
UAD0014 ULTRALIFE-UAD0014 Datasheet
443Kb / 1P
Charger Adapter
Rev: B
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600_V01 Datasheet
1Mb / 16P
USB Host Charger Identification/ Adapter Emulators
2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com