Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX14632EZK+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14632EZK+T
Description  USB Charger Adapter Emulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14632EZK+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14632EZK+T Datasheet HTML 1Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 2Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 3Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 4Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 5Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 6Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 7Page - Maxim Integrated Products MAX14632EZK+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAX14630/MAX14632
USB Charger Adapter Emulators
5
Maxim Integrated
Pin Description
Pin Configuration
Functional Diagram
PIN
NAME
FUNCTION
1
DP
USB Connector D+ Connection
2
GND
IC Ground. Return to the transformer
output.
3
CB
Control Bit
4
VCC
Power Supply. Bypass VCC with a
0.1FF ceramic capacitor as close as
possible to the pin.
5
DM
USB Connector D- Connection
TSOT
TOP VIEW
GND
CB
1
DP
2
3VCC
5DM
4
+
MAX14630
MAX14632
VDM2
DM2
VDM1
VCC
VCC
DM1
VDP
DP
RM1
RM2
POR
RP1
RP2
500k
CB
DP
DM
GND
CONTROL LOGIC
MAX14630
MAX14632


Similar Part No. - MAX14632EZK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1463 MAXIM-MAX1463 Datasheet
432Kb / 49P
Low-Power Two-Channel Sensor Signal Processor
Rev 0; 8/02
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 7P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 1; 1/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 7P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switches
2013
More results

Similar Description - MAX14632EZK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
MAX14600 MAXIM-MAX14600_12 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger
logo
Analog Devices
82-000760-01 AD-82-000760-01 Datasheet
757Kb / 44P
HPUSB USB and HPPCI Emulators
logo
Maxim Integrated Produc...
MAX14657 MAXIM-MAX14657 Datasheet
2Mb / 27P
Dual-Channel USB Host Adapter Emulators
Rev 1; 8/13
MAX14617 MAXIM-MAX14617 Datasheet
2Mb / 13P
USB Host Charger Identification/Adapter Emulator
19-6045; Rev 1; 2/12
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
logo
Ultralife Corporation.
UAD0014 ULTRALIFE-UAD0014 Datasheet
443Kb / 1P
Charger Adapter
Rev: B
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600_V01 Datasheet
1Mb / 16P
USB Host Charger Identification/ Adapter Emulators
2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com