Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS31256 Datasheet(PDF) 140 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 140 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 136Page - Maxim Integrated Products DS31256 Datasheet HTML 137Page - Maxim Integrated Products DS31256 Datasheet HTML 138Page - Maxim Integrated Products DS31256 Datasheet HTML 139Page - Maxim Integrated Products DS31256 Datasheet HTML 140Page - Maxim Integrated Products DS31256 Datasheet HTML 141Page - Maxim Integrated Products DS31256 Datasheet HTML 142Page - Maxim Integrated Products DS31256 Datasheet HTML 143Page - Maxim Integrated Products DS31256 Datasheet HTML 144Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
140 of 183
Register Name:
PRCC0
Register Description:
PCI Revision ID/Class Code Register 0
Register Address:
0x008h
LSB
Revision ID (Read Only/Set to 00h)
Class Code (Read Only/Set to 00h)
Class Code (Read Only/Set to 80h)
MSB
Class Code (Read Only/Set to 02h)
Bits 0 to 7/Revision ID. These read-only bits identify the specific device revision, which is selected by Dallas
Semiconductor.
Bits 8 to 15/Class Code Interface. These read-only bits identify the subclass interface value for the device and
are fixed at 00h. See Appendix D of PCI Local Bus Specification Revision 2.1 for details.
Bits 16 to 23/Class Code Subclass. These read-only bits identify the subclass value for the device and are fixed at
80h, which indicate “Other Network Controller.” See Appendix D of PCI Local Bus Specification Revision 2.1 for
details.
Bits 24 to 31/Class Code Base Class. These read-only bits identify the base class value for the device and are
fixed at 02h, which indicate “Network Controllers.” See Appendix D of PCI Local Bus Specification Revision 2.1
for details.
Register Name:
PLTH0
Register Description:
PCI Latency Timer/Header Type Register 0
Register Address:
0x00Ch
LSB
Cache Line Size
Latency Timer
Header Type (Read Only/Set to 80h)
MSB
BIST (Read Only/Set to 00h)
Bits 0 to 7/Cache Line Size. These read/write bits indicate the cache line size in terms of dwords. If the burst size
of a data read transaction exceeds this value, the PCI block uses the memory read multiple command. Valid
settings are 04h (4 dwords), 08h, 10h, 20h, and 40h (64 dwords). Other settings are interpreted as 00h. These bits
are forced to 0 when a hardware reset is initiated through the
PRST pin.
Bits 8 to 15/Latency Timer. These read/write bits indicate the value of the latency timer (in terms of the number
of PCI clocks) for use when the device is a bus master. These bits are forced to 0 when a hardware reset is initiated
through the
PRST pin.
Bits 16 to 23/Header Type. These read-only bits are forced to 80h, which indicate a multifunction device.
Bits 24 to 31/Built-In Self-Test (BIST). These read only bits are forced to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com